Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3KP-G Datasheet(PDF) 2 Page - Comchip Technology

Part # 3KP-G
Description  3000W Transient Voltage Suppressor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

3KP-G Datasheet(HTML) 2 Page - Comchip Technology

  3KP-G Datasheet HTML 1Page - Comchip Technology 3KP-G Datasheet HTML 2Page - Comchip Technology 3KP-G Datasheet HTML 3Page - Comchip Technology 3KP-G Datasheet HTML 4Page - Comchip Technology 3KP-G Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2
QW-BTV09
REV:B
Fig.1 Pulse Derating Curve
Ambient Temperature, (°C)
Fig.3 Peak Pulse Power Rating Curve
0.1
Pulse Width, td (μs)
1
10
100
Fig.4 Steady State Power
Curve
Derating
0
Lead Temperature,
(°C)
TL
4
6
8
Fig.5 Pulse Waveforem
Time, (mS)
RATING AND CHARACTERISTIC (3KP-G Series)
50
125
200
175
150
100
75
25
0
25
0
50
75
100
0.1
10
1
10000
100
1000
0
50
125
200
175
150
100
75
25
2
0
0
1.0
4.0
50
100
3.0
2.0
Peak value
Tr=10μs
Half value=
IPP
2
TJ = 25°C
td
Pluse width(td)is defined as
the point where the peak
current decays to 50% of IPP
10/1000 waveform as
defined by R.E.A.
3000W Transient Voltage Suppressor
Company reserves the right to improve product design , functions and reliability without notice.
3
5
7
1
Fig.2 Max. Non-repetitive Surge Current
250
150
200
300
100
1
Number of Cycles at 60Hz
10
8.3ms single half sine-wave
TJ = TJ max.
100



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com