Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACDBAT360-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # ACDBAT360-HF
Description  SMD Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ACDBAT360-HF Datasheet(HTML) 1 Page - Comchip Technology

  ACDBAT360-HF Datasheet HTML 1Page - Comchip Technology ACDBAT360-HF Datasheet HTML 2Page - Comchip Technology ACDBAT360-HF Datasheet HTML 3Page - Comchip Technology ACDBAT360-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Page 1
REV:B
AQW-JB001
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
Parameter
Unit
Maximum Ratings (At Ta=25°C, unless otherwise noted)
Non-repetitive peak reverse voltage
Average forward current
Operating junction temperature range
Storage temperature
Symbol ACDBAT320-HF ACDBAT340-HF ACDBAT360-HF
VRM
IF(AV)
IFSM
TJ
TSTG
20
40
3
80
-55 to +125
-55 ~ +150
60
V
A
A
°C
°C
Parameter
Unit
Electrical Characteristics (At Ta=25°C, unless otherwise noted)
Reverse peak reverse current
Forward voltage (Note1)
Symbol
Typ.
Max.
mA
V
ºC/W
Conditions
ACDBAT320-HF
ACDBAT340-HF
ACDBAT360-HF
Junction to lead (Note 2)
IRRM
VF
0.2
0.37
0.46
0.42
0.58
VR=Max.VRRM, Ta=25°C
ACDBAT3100-HF
100
Peak forward surge current
@8.3ms single half sine-wave
-55 to +150
IF=1.0A
IF=3.0A
IF=1.0A
IF=3.0A
ACDBAT3100-HF
IF=1.0A
IF=3.0A
Min.
0.58
0.75
Type
Junction capacitance
pF
Cj
VR=4V, f=1.0MHz
0.02
24
120
Thermal resistance
RΘJA
Junction to ambient (Note 2)
86
RΘJL
ºC/W
Notes: (1) Pulse test width pw=300usec, 1% duty cycle.
(2)Mounted on P.C. board with 0.2*0.2”(5.0*5.0mm) copper pad areas.
Forward current: 3.0A
Reverse voltage: 20 to 100V
RoHS Device
Features
- Low power loss, High efficiency.
- High current capability, low VF
Mechanical Data
- Polarity: Laser cathode band marking.
- Weight: 0.02 grams (approx).
Halogen Free
- Plastic package has UL 94V-0.
- Case: Packed with FRP substrate and epoxy underfilled.
- Terminals: Pure Tin plated (Lead-Free),solderable
per MIL-STD-750, method 2026.
ACDBAT320-HF Thru. ACDBAT3100-HF
- Lead less chip form, no lead damage.
- Comply with AEC-Q101
SMD Schottky Barrier Rectifiers
0.50
-
-
-
-
-
-
-
-
-
-
-
-
-
-
0.70
-
0.85
-
Circuit Diagram
Dimensions in inches and (millimeter)
0.181(4.60)
0.173(4.40)
0.091(2.30)
0.083(2.10)
0.045(1.15)
0.030(0.75)
0.045(1.15)
0.030(0.75)
0.034(0.86)
0.046(1.16)
x0.020(x0.50)
2010


Similar Part No. - ACDBAT360-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ACDBA1100-HF COMCHIP-ACDBA1100-HF Datasheet
115Kb / 4P
SMD Schottky Barrier Rectifiers
ACDBA1100LR-HF COMCHIP-ACDBA1100LR-HF Datasheet
93Kb / 4P
Low VF Low IR SMD Schottky Barrier Rectifiers
ACDBA1200-HF COMCHIP-ACDBA1200-HF Datasheet
110Kb / 4P
SMD Schottky Barrier Rectifiers
ACDBA140-HF COMCHIP-ACDBA140-HF Datasheet
108Kb / 4P
SMD Schottky Barrier Rectifiers
ACDBA160-HF COMCHIP-ACDBA160-HF Datasheet
108Kb / 4P
SMD Schottky Barrier Rectifiers
More results

Similar Description - ACDBAT360-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBC520-G COMCHIP-CDBC520-G Datasheet
563Kb / 2P
SMD Schottky Barrier Rectifiers
CDBA220-HF COMCHIP-CDBA220-HF Datasheet
94Kb / 4P
SMD Schottky Barrier Rectifiers
CDBA320-G COMCHIP-CDBA320-G_12 Datasheet
111Kb / 4P
SMD Schottky Barrier Rectifiers
CDBA3150-HF COMCHIP-CDBA3150-HF Datasheet
97Kb / 4P
SMD Schottky Barrier Rectifiers
CDBB320-G COMCHIP-CDBB320-G_12 Datasheet
111Kb / 4P
SMD Schottky Barrier Rectifiers
CDBB5150-HF COMCHIP-CDBB5150-HF Datasheet
98Kb / 4P
SMD Schottky Barrier Rectifiers
CDBC3150-HF COMCHIP-CDBC3150-HF Datasheet
96Kb / 4P
SMD Schottky Barrier Rectifiers
CDBFN120-HF COMCHIP-CDBFN120-HF_12 Datasheet
95Kb / 4P
SMD Schottky Barrier Rectifiers
CDBZ5T30100-HF COMCHIP-CDBZ5T30100-HF Datasheet
610Kb / 4P
SMD Schottky Barrier Rectifiers
CDBZ630100-HF COMCHIP-CDBZ630100-HF Datasheet
725Kb / 4P
SMD Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com