Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10002HT Datasheet(PDF) 1 Page - Aries Electronics, Inc.

Part # 10002HT
Description  High-Temp 250째C Universal ZIF DIPBurn-in & Test Socket ??300째C Special Order
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARIES [Aries Electronics, Inc.]
Direct Link  http://www.arieselec.com
Logo ARIES - Aries Electronics, Inc.

10002HT Datasheet(HTML) 1 Page - Aries Electronics, Inc.

  10002HT Datasheet HTML 1Page - Aries Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2609 Bartram Road • Bristol, PA 19007-6810 USA
TEL 215-781-9956 • FAX 215-781-9845
WWW.ARIESELEC.COM • INFO@ARIESELEC.COM
10002HT
Rev. 1.8
1 of 1
ALL DIMENSIONS: INCHES [MILLIMETERS]
ALL TOLERANCES: ±0.005 [0.13] UNLESS OTHERWISE SPECIFIED
DO NOT USE THIS SOCKET IN A BURN-IN OVEN WITH CONTACTS IN OPEN
POSITION, AS IT WILL DAMAGE THE SOCKET
CONSULT FACTORY FOR OTHER SIZES AND CONFIGURATIONS
CUSTOMIZATION: ARIES SPECIALIZES IN CUSTOM DESIGN AND PRODUCTION.
SPECIAL MATERIALS, PLATINGS, SIZES, AND CONFIGURATIONS CAN BE
FURNISHED, DEPENDING ON QUANTITY.
ARIES RESERVES THE RIGHT TO CHANGE PRODUCT GENERAL SPECIFICATIONS
WITHOUT NOTICE
PRINTOUTS OF THIS DOCUMENT MAY BE OUT-OF-DATE AND SHOULD BE
CONSIDERED UNCONTROLLED
FEATURES
• Acceptsdeviceson0.300to0.600[7.62to15.24]centers
• AllpincountsgointoPCBwitheither0.300or0.600[7.62or15.24]centers
• Contactsnormally-closedtoeliminatedependenceonplastictosustaincontactintegrity
• Sockethandleconfiguredwithclosedcontacts(on)whenintheUPorDOWNposition,andmounted
ontheRIGHTorLEFTsideofsocket
GENERAL SPECIFICATIONS
•
SOCKET BODY:naturalUL94V-0glass-filledPolyetheretherketone(PEEK)
•
HANDLE:StainlessSteel
•
CONTACTS:BeNi360,1/2hard
•
CONTACT PLATING:50μ[1.27μ]min.NiB
•
CONTACT CURRENT RATING:1amp
•
OPERATING TEMPERATURES:-67°Fto482°F[-55°Cto250°C]
•
RETENTION FORCE(closed):55g/pinbasedona0.020[0.51]dia.testlead
•
INSULATION RESISTANCE: 1000 MΩmin.
•
DIELECTRIC WITHSTANDING VOLTAGE:1000VAC
•
LIFE CYCLE:25,000to50,000cycles
•
ACCEPTS LEADS:0.014-0.045[0.38-1.14]wide,0.110-0.280[2.79-7.11]long
MOUNTING CONSIDERATIONS
• SeeSocketFootprintbelow
High-Temp (250°C) Universal ZIF DIP
Burn-in & Test Socket – (300°C Special Order)
ORDERING INFORMATION
XX-X55X-X X
Plating
8 = NiB
Termination
1=SolderPinTail
Handle Options
1=Leftupisclosed
2=Rightupisclosed
3=Leftdownisclosed
4=Rightdownisclosed(std)
Row-to-Row Spacing(btm)
3=0.300[7.62]
6=0.600[15.24]
No. of Pins
24,28,32,36,40,42,44,48


Similar Part No. - 10002HT

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
10002 ARIES-10002 Datasheet
716Kb / 1P
High-Temp Universal ZIF DIP Burn-in & Test Socket
logo
Heyco.
10002 HEYCO-10002 Datasheet
111Kb / 1P
Nylon PCB Supports - Imperial Spacing
logo
Sangamo
10002 SANGAMO-10002 Datasheet
120Kb / 1P
One Module Single channel, electronic time switch
logo
Bulgin Limited. All rig...
10002 BULGINLIMITED-10002 Datasheet
2Mb / 7P
Rectangular Power Connectors
logo
Weidmuller
1000200001 WEIDMULLER-1000200001 Datasheet
74Kb / 3P
BLF 5.08/09/90 SN BK BX
More results

Similar Description - 10002HT

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
24-6556-10 ARIES-24-6556-10 Datasheet
705Kb / 2P
Universal Test Socket Receptacle
84-537-21 ARIES-84-537-21 Datasheet
1Mb / 2P
?쁋ive Bug??Type Universal PLCC ZIF Test Socket
20-537-20 ARIES-20-537-20 Datasheet
491Kb / 1P
Insert Plates for Universal PLCC ZIF Test Socket
44-547-11 ARIES-44-547-11 Datasheet
733Kb / 1P
Universal SOIC ZIF (Zero-Insertion-Force) Test Socket
10002 ARIES-10002 Datasheet
716Kb / 1P
High-Temp Universal ZIF DIP Burn-in & Test Socket
10003 ARIES-10003 Datasheet
829Kb / 2P
Universal Test Socket Receptacle
10010 ARIES-10010 Datasheet
1Mb / 2P
Universal PLCC ZIF Test Socket
10012 ARIES-10012 Datasheet
529Kb / 1P
Universal PLCC ZIF Test Socket
10004HT ARIES-10004HT Datasheet
1Mb / 2P
High-Temp PGA ZIF Test & Burn-in Socket for Footprints on Std 8x8 to 21x21 Grid
24001HT ARIES-24001HT Datasheet
533Kb / 1P
High-Temp up to 250째C RF Test Socket with Replaceable Contact Strips
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com