Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6642 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP6642
Description  Application Note:High Current Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6642 Datasheet(HTML) 2 Page - Sipex Corporation

  SP6642 Datasheet HTML 1Page - Sipex Corporation SP6642 Datasheet HTML 2Page - Sipex Corporation SP6642 Datasheet HTML 3Page - Sipex Corporation SP6642 Datasheet HTML 4Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
SP6642/6643APN/02
SP6642/6643 Application Note
© Copyright 2000 Sipex Corporation
Changing the inductor on the SP6642/3 from
100
µH to 47µH will increase the peak inductor
current by 2 times from about 250mA to about
500mA. This can be seen from the relationship
of inductor current in the equation
V
L = Ldi/dt
where V
L is set by Vin and Vout, dt is the charge
time set by the On-Time Constant, K as specified
in the SP6642/3 datasheet. Since L is the only
factor changing, for a decrease of L by 1/2, the
peak current, di, will double. With a doubling of
peak current, the output current the SP6642/3
can provide will double. The saturation current
specified for the inductor needs to be greater then
the peak current to avoid saturating the inductor,
which would result in a loss in efficiency and
could damage the inductor. Table 1 below lists
the inductors recommended for their low DC
resistance and sufficient saturation current rating.
High Current Performance
The curves in figures 1-6 illustrate SP6642
efficiency Vs output current using the Sumida
47uH inductor CD54-470 and the Sumida 100uH
inductor CD54-101 for 3 different output
voltages (2.4V, 3.3V, 5.0V) and 4 different input
voltages (0.85V, 1.0V, 1.2V, 1.6V). These figures
cover the full range of input and output voltages
and currents for a single cell step-up converter
for 2-5V output. Comparing figures 1,3,5 for
the 47uH inductor to figures 2,4,6 for the
100
µH inductor and you will see about double
the output current for the 47
µH Vs the 100µH.
For example, for 5V out for Vin of 1.0 to 1.6V
(typical single cell voltages), the 47
µHmaximum
output current is 30 to 50mA, while the 100
µH
maximum output is 15 to 25mA.
High Current Application
Table 1. Recommended Surface Mount Inductors
Comparing efficiencies, the 47
µHislessefficient
than the 100uH at the maximum output current
by about 4%. This difference can be attributed to
the difference in time constant of charge for the
inductor (L/R) in the equation for charging
current:
Ich = Imax*(1-e-t/(L/R))
where Imax is the peak inductor current, t is
the charging time, L/R is the time constant for
charge in the inductor. Since L changes by 1/2
from 100
µH to 47µH, the DC series resistance
R needs to decrease by 1/2 for L/R to remain the
same. But, the DC resistance is composed of
SP6642/3 switch resistance and the DC resistance
of the inductor. Even though inductor resistance
reduces by about 1/2 (table 1) the SP6642/3
switch resistance remains the same and the total
DC resistance R will not reduce by 1/2. From this
you can see that to decrease inductor values to be
even less than 47
µH, the efficiency will continue
to decrease and peak current could rise to
unacceptable levels.
In summary, the SP6642/3 can obtain higher
output currents by using a properly selected
inductor value. The efficiency curves show double
the output current allowing the SP6642/3 to be
used in a wider variety of portable products
including medical devices and emergency
lighting.
INDUCTANCE VENDOR/PART NO.
INDUCTOR SPECIFICATION
(
µH)
RESISTANCE
Isat
(mA)
47
Sumida CD54-470
0.37
720
100
Sumida CD54-101
0.7
520



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com