Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

18005 Datasheet(PDF) 1 Page - Aries Electronics, Inc.

Part # 18005
Description  Series 350000-10-HT High-Temperature SOIC-to-DIP Adapter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARIES [Aries Electronics, Inc.]
Direct Link  http://www.arieselec.com
Logo ARIES - Aries Electronics, Inc.

18005 Datasheet(HTML) 1 Page - Aries Electronics, Inc.

  18005 Datasheet HTML 1Page - Aries Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Bristol, PA 19007-6810 USA
TEL (215) 781-9956 • FAX (215) 781-9845
PRINTOUTS OF THIS DOCUMENT MAY BE OUT OF DATE AND SHOULD BE CONSIDERED UNCONTROLLED
• INFO@ARIESELEC.COM
WWW.ARIESELEC.COM
FEATURES
• A cost-effective means of upgrading to SOIC without changing your PCB layout
• Available on 0.300 [7.62] centers. Consult
Data Sheet 18011 for Adapters on 0.400
[10.16]
or 0.600 [15.24] centers
GENERAL SPECIFICATIONS
• BOARD MATERIAL: 0.062 ]1.58] thick Polyimide, Tg 260°C with 1-oz. Cu
traces, both sides
• PADS: finished with white Sn
• PINS: Brass 360 1/2-hard per UNS C36000, ASTM B16/B16M
• PIN PLATING: 200μ [5.08μ] Sn/Pb 93/7 per ASTM B579-73 over 100μ [2.54μ]
Ni per SAE AMS-QQ-N-290
• OPERATING TEMPERATURE: 200°C max.
MOUNTING CONSIDERATIONS
SUGGESTED PCB HOLE SIZE: 0.028 ±0.003 [0.71 ±0.08] dia.
18005
Rev. AA
Series 350000-10-HT High-Temperature
SOIC-to-DIP Adapter
P/N
Pins
Type
Dim. “B”
Centers “C”
Dim. “E”
Dim. “F”
Dim. “G”
Dim. “H”
08-350000-10-HT
8
SOIC
0.450 [11.43]
0.300 [7.62]
0.420 [10.67]
0.138 [3.51]
0.150 [3.81]
0.180 [4.57]
14-350000-10-HT
14
SOIC
0.450 [11.43]
0.300 [7.62]
0.420 [10.67]
0.138 [3.51]
0.500 [12.70]
0.180 [4.57]
16-350000-10-HT
16
SOIC
0.450 [11.43]
0.300 [7.62]
0.420 [10.67]
0.138 [3.51]
0.550 [13.97]
0.180 [4.57]
18-350000-10-HT
18
SOIC
0.450 [11.43]
0.300 [7.62]
0.420 [10.67]
0.138 [3.51]
0.550 [13.97]
0.180 [4.57]
20-350000-10-HT
20
SOIC
0.450 [11.43]
0.300 [7.62]
0.420 [10.67]
0.138 [3.51]
0.550 [13.97]
0.180 [4.57]
24-350000-10-HT
24
SOIC
0.450 [11.43]
0.300 [7.62]
0.420 [10.67]
0.138 [3.51]
0.550 [13.97]
0.180 [4.57]
ORDERING INFORMATION
See Table below for P/Ns
CUSTOMIZATION: In addition to the standard products shown
on this page, Aries specializes in custom design and production.
Special materials, platings, sizes, and configurations can be
furnished, depending on the quantity.
NOTE: Aries reserves the
right to change product general specifications without notice.
ALL DIMENSIONS: INCHES [MILLIMETERS]
ALL TOLERANCES: ±0.005 [0.13] UNLESS OTHERWISE SPECIFIED
“A” = NO. OF PINS PER ROW x 0.100 [2.54]
“D” = (NO. OF PINS PER ROW -1) x 0.100 [2.54]
AVAILABLE IN PANELIZED FORM WITH OR WITHOUT CUSTOMER-
SUPPLIED DEVICES MOUNTED. CONSULT FACTORY
CONSULT FACTORY FOR OTHER SIZES AND CONFIGURATIONS


Similar Part No. - 18005

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
1800 CANDD-1800 Datasheet
54Kb / 2P
Axial Lead Inductors
logo
Systemsensor advanced i...
1800 SYSTEMSENSOR-1800 Datasheet
566Kb / 2P
SMOKE DETECTORS
logo
Tyco Electronics
1800 MACOM-1800 Datasheet
79Kb / 2P
WILMAR??Protective Relays - 1800 Series
logo
Make-Ps
1800 MAKE-PS-1800 Datasheet
198Kb / 4P
Single, Dual, Triple Output DC/DC Converter
logo
Bourns Electronic Solut...
1800 BOURNS-1800 Datasheet
350Kb / 2P
Signal and Dataline Protector
More results

Similar Description - 18005

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
08-354000-11-RC ARIES-08-354000-11-RC Datasheet
451Kb / 1P
SOIC and SOJ-to-DIP Adapter
08-350000-10-P ARIES-08-350000-10-P Datasheet
451Kb / 1P
SOIC and SOJ-to-DIP Adapter
28-450001-10 ARIES-28-450001-10 Datasheet
429Kb / 1P
SOIC and SOJ-to-DIP Adapter
08-350000-10-HT ARIES-08-350000-10-HT Datasheet
557Kb / 1P
High-Temperature SOIC-to-DIP Adapter
8-354000-10 ARIES-8-354000-10 Datasheet
503Kb / 1P
DIP-to-SOIC Adapter
logo
ACCUTEK MICROCIRCUIT CO...
AK08SOIC-D300 ACCUTEK-AK08SOIC-D300_12 Datasheet
808Kb / 8P
DIP to SOIC Adapter Modules
logo
Aries Electronics, Inc.
10016 ARIES-10016 Datasheet
880Kb / 1P
SOIC-to-DIP 0.600 [15.24] Adapter
18009 ARIES-18009 Datasheet
564Kb / 1P
Series 354000 DIP-to-SOIC Adapter
18010 ARIES-18010 Datasheet
503Kb / 1P
Series 350000 SOIC and SOJ-to-DIP Adapter
18010RC ARIES-18010RC Datasheet
562Kb / 1P
Series 350000-11-RC RoHS/WEEE-Compliant SOIC-to-DIP Adapter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com