Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6644EU Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP6644EU
Description  Single/Dual Alkaline Cell, High Efficiency Boost DC-DC Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6644EU Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SP6644EU Datasheet HTML 2Page - Sipex Corporation SP6644EU Datasheet HTML 3Page - Sipex Corporation SP6644EU Datasheet HTML 4Page - Sipex Corporation SP6644EU Datasheet HTML 5Page - Sipex Corporation SP6644EU Datasheet HTML 6Page - Sipex Corporation SP6644EU Datasheet HTML 7Page - Sipex Corporation SP6644EU Datasheet HTML 8Page - Sipex Corporation SP6644EU Datasheet HTML 9Page - Sipex Corporation SP6644EU Datasheet HTML 10Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
Rev:B Date 4/13/04
SP6644/6645 High Efficiency Boost Regulator
© Copyright 2004 Sipex Corporation
Figure 17. SP6644/6201 DC/DC LDO Combination
Efficiency vs. Output Current (Vout=3.3V), Rlim=2.5k,
Li=22
µH Sumida CD-43, Refer to Figure 30
Figure 18. SP6644/6201 LDO Line/Load Rejection vs.
Output Current (Vout=3.3V), Rlim=2.5k, Li=22
µH
Sumida CD-43, Refer to Figure 30
Figure 19. SP6644/6201 DC/DC LDO Maximum Load
Current vs. Vbatt (Vout=3.3V), Rlim=2.5k, Li=22
µH
Sumida CD-43, Refer to Figure 30
Figure 20. SP6644/6201 DC/DC LDO No-Load Ibatt vs.
Vbatt (Vout=3.3V), Rlim=2.5k, Li=22
µH Sumida CD-
43, Refer to Figure 30
Figure 21. SP6644/6201 DC/DC LDO Output Ripple
Voltage (Vout=3.3V), Rlim=2.5k, Li=22
µH Sumida CD-
43, Refer to Figure 30
Figure 22. Load Transient Response, Vbatt=1.3V,
(Vout=3.3V), Rlim=2.5k, Li=22
µH Sumida CD-43
Figure 23. Line Transient Response, (Vout=3.3V),
Rlim=2.5k, Iload=22
µH Sumida CD-43
Figure 24. Switching Waveforms, (Vout=3.3V),
Vbatt=1.3V, Rlim=2.5k, Iload=10mA, Li=22
µH Sumida
CD-43
Refer to the circuit in
Figure 28, T
AMB = +25
oC unless otherwise noted.
30
40
50
60
70
80
90
100
0.1
1.0
10.0
100.0
1000.0
Iload (mA)
Vb=1.0V
Vb=1.3V
Vb=2.0V
Vb=2.6V
Vb=3.2V
3.032
3.033
3.034
3.035
3.036
3.037
020 40
6080 100 120 140 160 180 200
Iload (mA)
Vb=1.3V
Vb=2.6V
0
20
40
60
80
100
120
140
160
180
200
220
240
0.0
1.0
2.0
3.0
4.0
Vbatt (V)
10
100
1000
10000
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Vbatt (V)
SP6201 Out
10mV/div
SP6644 Out
20mV/div
Li
0.5A/div
V
OUT
50mV/div
V
BATT
50mV/div
V
OUT
50mV/div
V
BATT
1V/div
Li
0.2A/div
V
OUT, VLX,VBATT
1V/div
PERFORMANCE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com