Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6648EB Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP6648EB
Description  Evaluation Board Manual
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6648EB Datasheet(HTML) 4 Page - Sipex Corporation

  SP6648EB Datasheet HTML 1Page - Sipex Corporation SP6648EB Datasheet HTML 2Page - Sipex Corporation SP6648EB Datasheet HTML 3Page - Sipex Corporation SP6648EB Datasheet HTML 4Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TABLE1: SP6648EB LIST OF MATERIALS
ORDERING INFORMATION
Model
Temperature Range
Package Type
SP6648UEB.................................. -40
°C to +85°C...................SP6648 Evaluation Board
SP6648EU.....................................-40
°C to +85°C......................................10-pin µSOIC
Ref. Des. Qty. Manufacturer
Part Number
Layout
Component
Vendor
Size
1Sipex Corp.
146-6479-00
1"x1.5"
SP6648UEB Eval PC Board
Sipex 978-667-7800
U1
1
Sipex Corp.
SP6648EU
uSO-8
10-pin uSOIC Step-Up DC/DC Conv
Sipex
C1,2
2
Kemet
T494C476K010AS
"D" size
47uF 10V SM 0.3ohm ESR
Kemet 847-517-1030
C1,2
2
Kemet
T494V476K010AS
"V" size
47uF 10V low profile SM 0.3ohm ESR
Kemet 847-517-1030
C3
1
TDK Corp
C1608SL1H470K
0603
Ceramic 16V 47pF SM
TDK 847-803-6100
C4
1
TDK Corp
C1608X5R1A105M
0603
Ceramic 10V 1uF SM 0.02ohm ESR
TDK 847-803-6100
L1
1
Sumida
CDRH5D28-100
6.7x6.5x3.0mm
10uH, 1.3A, 0.065ohm, SM Inductor
Sumida 847-956-0666
L1
1
TDK Corp
RLF5018-100MR94
5.6x5.2x2.0mm 10uH, 0.94A, 0.067ohm, SM Inductor
TDK 847-803-6100
R1
1
Panasonic
ERJ-3EKF2053
0603
205K ohm 1/8W 1% 0603 SM
Digi-Key 800-344-4539
R2
1
Panasonic
ERJ-3EKF2493
0603
124K ohm 1/8W 1% 0603 SM
800-Digi-Key
R3
1
Panasonic
ERJ-3EKF5493
0603
549K ohm 1/8W 1% 0603 SM
800-Digi-Key
R4
1
Panasonic
ERJ-3EKF2493
0603
249K ohm 1/8W 1% 0603 SM
800-Digi-Key
R5
1
Panasonic
ERJ-3GEYJ105
0603
1M ohm 1/8W 5% 0603 SM
800-Digi-Key
RLIM
1
Panasonic
ERJ-3EKF1871
0603
1.87K ohm 1/8W 1% 0603 SM
800-Digi-Key
TP
5
Mill-Max
0300-115-01-4727100
.042 Dia
Test Point Female Pin
800-Digi-Key
J1
1
Sullins
PTC36SAAN
.23x.12
3-Pin Header
800-Digi-Key
1
Sullins
STC02SYAN
.2x.1
Shunt
800-Digi-Key



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com