Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6648EU Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP6648EU
Description  Ultra-low Quiescent Current, High Efficiency Boost Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6648EU Datasheet(HTML) 5 Page - Sipex Corporation

  SP6648EU Datasheet HTML 1Page - Sipex Corporation SP6648EU Datasheet HTML 2Page - Sipex Corporation SP6648EU Datasheet HTML 3Page - Sipex Corporation SP6648EU Datasheet HTML 4Page - Sipex Corporation SP6648EU Datasheet HTML 5Page - Sipex Corporation SP6648EU Datasheet HTML 6Page - Sipex Corporation SP6648EU Datasheet HTML 7Page - Sipex Corporation SP6648EU Datasheet HTML 8Page - Sipex Corporation SP6648EU Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
Date: 7/19/04
SP6648 Ultra-low Quiescent Current, High Efficiency Boost Regulator
© Copyright 2004 Sipex Corporation
At light loads (as shown in plot A in Figure 1)
the charge cycle will last the maximum value for
tON: For a 1V battery this would be as follows:
tON = KON / VBATT = 4.0Vµs / 1V = 4.0µs
The current built up in the coil during the charge
cycle gets fully discharged (discontinuous con-
duction mode DCM) When the current in the
coil has reached zero the synchronous rectifier
switch is opened and the voltage across the coil
(from VBATT to LX) is shorted internally to
eliminate inductive ringing.
With increasing load (as shown in plot B in
Figure 1) this inductor damping time becomes
shorter, because the output will quickly drop
below its regulation point due to heavier load. If
the load current increases further the SP6648
enters continuous conduction mode (CCM)
where there is always current flowing in the
inductor. The charge time remains at maximum
tON as long as the inductor peak current limit is
not reached as shown in plot C in Figure 1. The
inductor peak current limit can be programmed
by tying a resistor RLIM from the RLIM pin to
ground where:
IPEAK = 1600 / RLIM
When the peak current limit is reached the
charge time is short-cycled.
In plot D of Figure 1, the switch current reaches
the peak current limit during the charge period
which ends the charge cycle and starts the dis-
charge cycle. However, full load is not yet
achieved because at the end of the minimum
discharge time the output was still within regu-
lation.
Maximum load is reached when this discharge
time has shrunk to the minimum allowed value
TOFF as shown in Plot E of Figure 1.
Inductor Current vs. Load
Ton Max.
Toff Min.
E. Iripple=Toff* (Vo - Vi)/L
llim
llim
llim
llim
llim
Ton Max.
Ton Max.
Ton Max.
Ton Max.
Toff Min.
Toff Min.
Toff Min.
Toff Min.
D. Toff*= (Vo - Vi)/L<Iripple<Ton*Vi/L
C. Iripple=Ton*Vi/L
B. Iripple=Ton*Vi/L
A. Iripple=Ton*Vi/L
E
D
C
B
A
Figure 1. Inductor Current vs. Load
THEORY OF OPERATION: Continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com