Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1052829 Datasheet(PDF) 4 Page - SICK AG

Part # 1052829
Description  DISPLACEMENT MEASUREMENT SENSORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1052829 Datasheet(HTML) 4 Page - SICK AG

  1052829 Datasheet HTML 1Page - SICK AG 1052829 Datasheet HTML 2Page - SICK AG 1052829 Datasheet HTML 3Page - SICK AG 1052829 Datasheet HTML 4Page - SICK AG 1052829 Datasheet HTML 5Page - SICK AG 1052829 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
DT20-P244BS04 | DT20 Hi
DISPLACEMENT MEASUREMENT SENSORS
4
DISTANCE SENSORS | SICK
Online data sheet | 2016-03-17 13:18:11
Subject to change without notice
Dimensional drawing (Dimensions in mm (inch))
24.3 (0.96)
1 2
3
4
7
8
5
6
54.1 (2.13)
48.6 (1.91)
14.2
(0.56)
4.5
(0.18)
52.9 (2.08)
Ø 4
.5
(0
.1
8)
①  Status indicator operating voltage active (green)
②  Status indicator switching output (orange)
③  Optical axis, receiver
④  Optical axis, sender
⑤  Fixing hole
⑥  Connector M12, 5-pin, turnable
⑦  Operating keys and display
⑧  Reference surface = 0 mm
Connection type
Male connector M12, 5-pin
Connection diagram
L+
Q
QA
1
4
3
2
5
brn
blk
wht
M
blu
MF
gra
1
①  Multifunctional input (MF)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com