Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6650EU Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP6650EU
Description  Evaluation Board Manual
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6650EU Datasheet(HTML) 5 Page - Sipex Corporation

  SP6650EU Datasheet HTML 1Page - Sipex Corporation SP6650EU Datasheet HTML 2Page - Sipex Corporation SP6650EU Datasheet HTML 3Page - Sipex Corporation SP6650EU Datasheet HTML 4Page - Sipex Corporation SP6650EU Datasheet HTML 5Page - Sipex Corporation SP6650EU Datasheet HTML 6Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Rev. 3/23/01
SP6650 Evaluation Board Manual
© Copyright 2001 Sipex Corporation
5
PIN DESCRIPTION
PIN NUMBER
PIN NAME
DESCRIPTION
1PV
IN
Input voltage power pin. Inductor charging current passes
through this pin.
2V
IN
Internal supply voltage. Control circuitry powered from this
pin.
3
BLON
Open drain battery low output. V
IN below battery low thresh-
old pulls this node to ground. V
IN above threshold, this node
is open.
4I
LIM
Inductor current limit programming pin. Tie pin to V
IN for 0.8A
peak inductor current limit. Tie pin to ground for 0.4A peak
inductor current limit. TTL input threshold.
5
SHDN
Shutdown control input. Tie to V
IN for normal operation, tie to
ground for shutdown. TTL input threshold.
6
FB
External feedback network input connection. Connect a
resistor from FB to ground and FB to V
OUT to control the
output voltage externally. This pin regulates to the internal
bandgap reference voltage of 1.25V. Tie FB to ground to use
the internal divider for a preset output voltage of 3.3V.
7V
OUT
Output voltage sense pin. Used for internal feedback divider
and timing circuit.
8
GND
Internal ground pin. Control circuitry returns current to this
pin.
9
PGND
Power ground pin. Synchronous rectifier current returns
through this pin.
10
LX
Inductor switching node. Inductor tied between this pin and
the output capacitor to create regulated output voltage.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com