Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6655ER Datasheet(PDF) 13 Page - Sipex Corporation

Part # SP6655ER
Description  High Efficiency 400mA Synchronous Buck Regulator Ideal for portable designs powered with Li Ion battery
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6655ER Datasheet(HTML) 13 Page - Sipex Corporation

Back Button SP6655ER Datasheet HTML 8Page - Sipex Corporation SP6655ER Datasheet HTML 9Page - Sipex Corporation SP6655ER Datasheet HTML 10Page - Sipex Corporation SP6655ER Datasheet HTML 11Page - Sipex Corporation SP6655ER Datasheet HTML 12Page - Sipex Corporation SP6655ER Datasheet HTML 13Page - Sipex Corporation SP6655ER Datasheet HTML 14Page - Sipex Corporation SP6655ER Datasheet HTML 15Page - Sipex Corporation SP6655ER Datasheet HTML 16Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
Date: 7/12/04
SP6655 High Efficiency 400mA Synchronous Buck Regulator
© Copyright 2004 Sipex Corporation
APPLICATION INFORMATION
Output Voltage Program
The output voltage is programmed by the external
divider, as shown in the typical application circuit
on page 1. First pick a value for RI that is no larger
than 300K. Too large a value of RI will reduce the
AC voltage seen by the loop comparator since the
internal FB pin capacitance can form a low pass
filter with RF in parallel with RI. The formula for
RF with a given RI and output voltage is:
RF = (
VOUT
- 1 ) • RI
0.8V
Output Voltage Ripple Frequency
An important consideration in a power supply
application is the frequency value of the output
ripple. Given the control technique of the SP6655
(as described in the operations section), the
frequency of the output ripple will vary when in
light to moderate load in the discontinuous or
PFM mode. For moderate to heavy loads greater
than about 100mA inductor current ripple, (for
the typical 10
µH inductor application on 100mA
is half the 200mA inductor current ripple), the
output ripple frequency will be fairly constant.
From the operations section, this maximum loop
frequency in continuous conduction mode is:
1
VOUT
(VIN - VOUT)
FLP ≈
KON
*
VIN
*
Data for loop frequency, as measured from
output voltage ripple frequency, can be found in
the typical performance curves.
Layout Considerations
Proper layout of the power and control circuits is
necessary in a switching power supply to obtain
good output regulation with stability and a mini-
mum of output noise. The SP6655 application
circuit can be made very small and reside close to
the IC for best performance and solution size, as
long as some layout techniques are taken into
consideration. To avoid excessive interference
between the SP6655 high frequency converter and
the other active components on the board, some
INDUCTORS SURFACE MOUNT
Inductor Specification
Inductance
Manufacturer/Part No.
Series R Ω
I
SAT (A)
Size
Inductor Type
Manufacturer
(µH)
LxW(mm)
Ht. (mm)
Website
10
Murata LQH32CN100K11
0.300
0.45
3.2 x 1.6
1.8
Unshielded Ferrite Core murata.com
10
TDK RLF5018T-100MR94
0.056
0.94
5.6 x 5.2
2.0
Shielded Ferrite Core
tdk.com
10
Coilcraft LPO6013-103K
0.300
0.70
6.0 x 5.4
1.3
Unshielded Ferrite Core coilcraft.com
22
Murata LQH32CN220K21
0.710
0.25
3.2 x 1.6
1.8
Unshielded Ferrite Core
murata.com
22
TDK RLF5018T- 220MR63
0.130
0.63
5.6 x 5.2
2.0
Shielded Ferrite Core
tdk.com
22
Coilcraft LPO6013-103
0.520
0.45
6.0 x 5.4
1.3
Unshielded Ferrite Core coilcraft.com
CAPACITORS - SURFACE MOUNT
Capacitor Specification
Capacitance
Manufacturer/Part No.
ESR
RippleCurrent
Size
Voltage
Capacitor Type
Manufacturer
(µF)
Ω (max)
(A) @ 45°C
LxW(mm) Ht. (mm)
(V)
Website
10
TDK C2012X5R0J106M
0.003
1.00
2.0 x 1.2
1.25
6.3
X5R Ceramic
tdk.com
10
Murata GRM21BR60J106KE01
0.003
1.00
2.0 x 1.2
1.25
6.3
POSCAP
murata.com
4.7
TDK C2012X5R0J475M
0.005
1.00
2.0 x 1.2
1.25
6.3
X5R Ceramic
tdk.com
4.7
Murata GRM21BR60J475KE01
0.005
1.00
2.0 x 1.2
1.25
6.3
POSCAP
murata.com
Table 2 Component Selection
Note: Components highlighted in bold are those used on the SP6655 Evaluation Board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com