Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACDST-99-G Datasheet(PDF) 2 Page - Comchip Technology

Part # ACDST-99-G
Description  Small Signal Switching Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ACDST-99-G Datasheet(HTML) 2 Page - Comchip Technology

  ACDST-99-G Datasheet HTML 1Page - Comchip Technology ACDST-99-G Datasheet HTML 2Page - Comchip Technology ACDST-99-G Datasheet HTML 3Page - Comchip Technology ACDST-99-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RATING AND CHARACTERISTIC CURVES (ACDST-99-G/70-G)
Forward Voltage, (V)
1.6
1.2
0.4
0
Fig.1 - Forward Characteristics
1
10
100
300
Reverse Voltage, (V)
0
Fig.2 Reverse Characteristics
-
1
10
100
1000
40
Reverse Voltage, (V)
0
Fig.3 Capacitance Between Terminals
-
Characteristics
1.0
1.2
1.4
20
Ambient Temperature, (°C)
Fig.4 Power Derating Curve
-
0
100
300
60
0
100
175
20
80
50
10
25
50
75
150
125
200
15
Mounted on glass
epoxy PCBs
Small Signal Switching Diodes
TA=100°C
TA=25°C
TJ=25°C
f=1MHz
0.1
AQW-B0005
Page 2
REV:A
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
1.1
1.3
5
0.8
TA=100°C
TA=25°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com