Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPDQC5V0CSP-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # ACPDQC5V0CSP-HF
Description  SMD Protection Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ACPDQC5V0CSP-HF Datasheet(HTML) 1 Page - Comchip Technology

  ACPDQC5V0CSP-HF Datasheet HTML 1Page - Comchip Technology ACPDQC5V0CSP-HF Datasheet HTML 2Page - Comchip Technology ACPDQC5V0CSP-HF Datasheet HTML 3Page - Comchip Technology ACPDQC5V0CSP-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ACPDQC5V0CSP-HF
SMD Protection Diode
Page 1
AQW-G7015
REV:A
Comchip Technology CO., LTD.
Comchip
S M D D i o d e S p e c i a l i s t
RoHS Device
Halogen Free
Mechanical data
- Case: 0402C/SOD-923F Standard package,
molded plastic.
- Terminals: Matte tin plated, solderable per
MIL-STD-750,method 2026.
- Mounting position: Any.
- Weight: 0.001 grams(approx.).
- High temperature soldering guaranteed:
260°C/10 second.
nA
V
5
IR
VRWM
Reverse leakage current
Reverse stand-Off voltage
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
VR = 5 V
Electrical Characteristics (at TA=25°C unless otherwise noted)
Reverse breakdown voltage
IR = 1 mA
V(BR)
Clamping voltage
IPP= 1 A
VC
V
20
6
Junction capacitance
CJ
0.6
pF
100
15
V
IPP= 3A
V
VC
10
VR= 0V , F=1MHz
13
18
0.3
Company reserves the right to improve product design , functions and reliability without notice.
Dimensions in inches and (millimeter)
0402C/SOD-923F
0.041(1.05)
0.037(0.95)
0.026(0.65)
0.022(0.55)
0.022(0.55)
0.022(0.55)
0.018(0.45)
0.012(0.30)
0.008(0.20)
0.018(0.45)
0.001(0.02)
Max.
Circuit diagram
Features
- Working Voltage: 5V
- Typical capacitance: 0.3pF
- IEC61000-4-2 Level 4 ESD protection.
- Bi-directional ESD protection.
- Comply with AEC-Q101
Maximum Rating (at TA=25°C unless otherwise noted)
Symbol
Parameter
Value
Unit
Conditions
Peak pulse power
PPP
W
60
Operation temperature range
Tj
°C
Storage temperature range
TSTG
-55 to +150
°C
ESD
kV
IEC 61000-4-2(air)
IEC 61000-4-2(contact)
ESD capability
-55 to +150
Peak pulse current
IPP
A
TP = 8/20us
3
TP = 8/20us
±8
±15


Similar Part No. - ACPDQC5V0CSP-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ACPDQC5V0C-HF COMCHIP-ACPDQC5V0C-HF Datasheet
102Kb / 4P
SMD ESD Protection Diode
ACPDQC5V0CHT-HF COMCHIP-ACPDQC5V0CHT-HF Datasheet
472Kb / 4P
SMD ESD Protection Diode
REV:B
More results

Similar Description - ACPDQC5V0CSP-HF

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TESDU5V0U TSC-TESDU5V0U Datasheet
27Kb / 1P
SMD ESD Protection Diode
logo
Comchip Technology
CPDER24V0U-HF COMCHIP-CPDER24V0U-HF Datasheet
102Kb / 4P
SMD ESD Protection Diode
CPDH5-5V0U COMCHIP-CPDH5-5V0U_12 Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDQR5V0C-HF COMCHIP-CPDQR5V0C-HF Datasheet
91Kb / 4P
SMD ESD Protection Diode
CPDT5-5V0U COMCHIP-CPDT5-5V0U_12 Datasheet
96Kb / 4P
SMD ESD Protection Diode
CPDT-5V0 COMCHIP-CPDT-5V0_12 Datasheet
98Kb / 4P
SMD ESD Protection Diode
CPDER5V0 COMCHIP-CPDER5V0 Datasheet
92Kb / 4P
SMD ESD Protection Diode
CPDFR5V0-HF COMCHIP-CPDFR5V0-HF Datasheet
92Kb / 4P
SMD ESD Protection Diode
CPDU5V0U COMCHIP-CPDU5V0U Datasheet
105Kb / 4P
SMD ESD Protection Diode
CPDQ5V0-HF COMCHIP-CPDQ5V0-HF Datasheet
391Kb / 5P
SMD ESD Protection Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com