Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPDQC5V0HE-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # ACPDQC5V0HE-HF
Description  SMD ESD Protection Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ACPDQC5V0HE-HF Datasheet(HTML) 2 Page - Comchip Technology

  ACPDQC5V0HE-HF Datasheet HTML 1Page - Comchip Technology ACPDQC5V0HE-HF Datasheet HTML 2Page - Comchip Technology ACPDQC5V0HE-HF Datasheet HTML 3Page - Comchip Technology ACPDQC5V0HE-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RATING AND CHARACTERISTIC CURVES (ACPDQC5V0HE-HF)
SMD ESD Protection Diode
Page 2
Comchip Technology CO., LTD.
REV:A
AQW-G7016
Fig. 4 - Power Rating Derating Curve
Ambient Temperature, (°C)
20
40
60
80
100
Fig.2 - Typical Capacitance Between
Terminals Characteristics
Reverse Voltage, (V)
0
5
10
20
0
1
2
3
4
5
Mounting on glass epoxy PCBs
15
0
0
25
50
125
75
100
Company reserves the right to improve product design , functions and reliability without notice.
Wave Form Acc. IEC61000-4-5
Fig.1- 8/20us Peak Pulse Current
Time, (us)
0%
20%
40%
60%
80%
100%
0
5
15
25
30
10
20
120%
Ta=25°C
Peak Valur Ipp
Test Waveform
parameters
tf=8us
td=20us
e-t
td= t Ipp/2
9
1
2
3
6
15
13
12
10
5
14
4
7
8
Fig.3 - Clamping Voltage Vs.
Peak Pulse Current
Peak Pulse Current, (A)
11



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com