Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPDQC5V0-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # ACPDQC5V0-HF
Description  SMD ESD Protection Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ACPDQC5V0-HF Datasheet(HTML) 1 Page - Comchip Technology

  ACPDQC5V0-HF Datasheet HTML 1Page - Comchip Technology ACPDQC5V0-HF Datasheet HTML 2Page - Comchip Technology ACPDQC5V0-HF Datasheet HTML 3Page - Comchip Technology ACPDQC5V0-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ACPDQC5V0-HF
SMD ESD Protection Diode
Page 1
AQW-G7002
REV:A
Mechanical data
- Case: 0402C/SOD-923F standard package,
molded plastic.
- Terminals: Matte tin plated, solderable per
MIL-STD-750, method 2026.
- Mounting position: Any.
- Weight: 0.001 grams(approx.).
Comchip Technology CO., LTD.
Maximum Rating And Electrical Characteristics
unless otherwise noted)
(at TA=25°C
Symbol
Typ
Parameter
Min
Max
Unit
Junction capacitance
Conditions
Diode breakdown voltage
VBD
V
IR = 1mA
Leakage current
IL
uA
20
CT
pF
VR = 0V, f = 1MHz
5.1
0.1
7.0
15
2.0
VR = 5V
Clamping voltage
ESD capability
kV
16
Peak pulse power
PPP
W
75
Storage temperature
Operation temperature
125
°C
TSTG
Tj
°C
150
-55
VC
V
IPP = 5A, TP = 8/20us
15
TP = 8/20us
ESD
IEC 61000-4-2(Air)
IEC 61000-4-2(Contact)
8
ESD
kV
RoHS Device
Halogen Free
Company reserves the right to improve product design , functions and reliability without notice.
Circuit diagram
Features
- Surface mount package.
- Ultra small SMD package:0402.
- High component density.
- IEC61000-4-2 Level 4 ESD protection.
- Bi-directional ESD protection.
- Comply with AEC-Q101
Dimensions in inches and (millimeter)
0.041(1.05)
0.037(0.95)
0.026(0.65)
0.022(0.55)
0.022(0.55)
0.022(0.55)
0.018(0.45)
0.012(0.30)
0.008(0.20)
0.018(0.45)
0.001(0.02)
Max.


Similar Part No. - ACPDQC5V0-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ACPDQC5V0A-HF COMCHIP-ACPDQC5V0A-HF Datasheet
480Kb / 4P
SMD ESD Protection Diode
REV:B
ACPDQC5V0AU-HF COMCHIP-ACPDQC5V0AU-HF Datasheet
490Kb / 4P
SMD ESD Protection Diode
REV:B
ACPDQC5V0C-HF COMCHIP-ACPDQC5V0C-HF Datasheet
102Kb / 4P
SMD ESD Protection Diode
ACPDQC5V0CHT-HF COMCHIP-ACPDQC5V0CHT-HF Datasheet
472Kb / 4P
SMD ESD Protection Diode
REV:B
ACPDQC5V0CSP-HF COMCHIP-ACPDQC5V0CSP-HF Datasheet
95Kb / 4P
SMD Protection Diode
More results

Similar Description - ACPDQC5V0-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDERT5V0U-HF COMCHIP-CPDERT5V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDF24V0U-HF COMCHIP-CPDF24V0U-HF Datasheet
98Kb / 4P
SMD ESD Protection Diode
CPDFR COMCHIP-CPDFR Datasheet
92Kb / 4P
SMD ESD Protection Diode
CPDT-5V0U-HF COMCHIP-CPDT-5V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDTR035V0U-HF COMCHIP-CPDTR035V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDTR055V0C-HF COMCHIP-CPDTR055V0C-HF Datasheet
98Kb / 4P
SMD ESD Protection Diode
CPDV5-5V0U COMCHIP-CPDV5-5V0U_12 Datasheet
96Kb / 4P
SMD ESD Protection Diode
CPDQT3V3U-HF COMCHIP-CPDQT3V3U-HF Datasheet
559Kb / 3P
SMD ESD Protection Diode
CPDUR5V0C-HF COMCHIP-CPDUR5V0C-HF Datasheet
238Kb / 4P
SMD ESD Protection Diode
CPDVR083V3U COMCHIP-CPDVR083V3U Datasheet
109Kb / 5P
SMD ESD Protection Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com