Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPDUC5V0R-HF Datasheet(PDF) 3 Page - Comchip Technology

Part # ACPDUC5V0R-HF
Description  SMD ESD Protection Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ACPDUC5V0R-HF Datasheet(HTML) 3 Page - Comchip Technology

  ACPDUC5V0R-HF Datasheet HTML 1Page - Comchip Technology ACPDUC5V0R-HF Datasheet HTML 2Page - Comchip Technology ACPDUC5V0R-HF Datasheet HTML 3Page - Comchip Technology ACPDUC5V0R-HF Datasheet HTML 4Page - Comchip Technology ACPDUC5V0R-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Page 3
AQW-G7005
REV:B
Index hole
d
E
F
B
W
A
P
P0
P1
D1
D2
D
W1
T
C
0402C/SOD-923F Reel Taping Specification
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
SMD ESD Protection Diode
B
C
d
D
D2
D1
E
F
P
P0
P1
T
SYMBOL
A
W
W1
(mm)
(inch)
0.030 ± 0.002
0.046 ± 0.002
0.026 ± 0.002
7.008 ± 0.039
0.531 ± 0.008
SYMBOL
(mm)
(inch)
0.069 ± 0.004
0.138 ± 0.004
0.157 ± 0.004
0.157 ± 0.004
0.079 ± 0.004
0.315 ± 0.008
0.75 ± 0.05
1.17 ± 0.05
4.00 ± 0.10
3.50 ± 0.10
1.75 ± 0.10
13.50 ± 0.20
0.65 ± 0.05
4.00 ± 0.10
2.00 ± 0.10
8.00 ± 0.20
178.00 ± 1.00
0402C
(SOD-923F)
0402C
(SOD-923F)
0.20 + 0.02
- 0.05
0.008 + 0.001
- 0.002
1.50 + 0.10
- 0
60.00 ± 0.50
0.059 + 0.004
- 0
2.362 ± 0.020
12.00 + 0.50
- 0
0.472 + 0.020
- 0
Trailer
Device
Leader
400mm (min)
160mm (min)
.......
.......
.......
.......
.......
.......
.......
.......
End
Start
Direction of Feed



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com