Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM200 Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # ASM200
Description  200W High Power Density Medical Grade Open Frame Power Supplies
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

ASM200 Datasheet(HTML) 2 Page - Astrodyne Corporation

  ASM200 Datasheet HTML 1Page - Astrodyne Corporation ASM200 Datasheet HTML 2Page - Astrodyne Corporation ASM200 Datasheet HTML 3Page - Astrodyne Corporation ASM200 Datasheet HTML 4Page - Astrodyne Corporation ASM200 Datasheet HTML 5Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
200W High Power Density Medical Grade Open Frame Power Supplies
ASM200
BSM200 series
©2015 AstrodyneTDI Corporation
ASM/BSM200S rev. B 07-1-15
2
www.astrodynetdi.com
Page
INPUT SPECIFICATIONS
Input Voltage Range
90-264 VAC
Range of Nominal Input Voltages
100-240 VAC
Input Frequency
47-63 Hz (50/60 Hz Nom.)
Input Current
2.2A Max at 115VAC
1.1A Max at 230VAC
Inrush Current
30A Max at 115VAC, 60 Hz
60A Max at 230VAC, 50 Hz
Patient Leakage Current
100uA Max at 264VAC, 60Hz
BF rating
Input Fusing
8A fuse in both L and N Lines
MAIN OUTPUT SPECIFICATIONS
Voltage and Current
See Ordering Information Pg 1
Output Power
200W Continuous
See temp. derating curve
Minimum Load
No minimum load required
Load Regulation
± 1% Max, 0 to Full Load
Line Regulation
± 0.1% Max, 90 to 264 VAC
Temp. Drift
0.025 %/°C
Transient Response
Excursion
Less than ± 5%
50 to 100% Load Step
1A/us Slew Rate
Transient Response
Recovery Time
2ms Max
50 to 100% Load Step
1A/us Slew Rate
Ripple and Noise
1% pk-pk Max. 20MHz BW
Measured with 47uF Alum and
0.1uF Ceramic at output
OPTIONAL OUTPUTS (See Part Numbering Chart Pg 4)
5V Aux. Output
1Amp
12V Fan Output
0.5 Amp
ISOLATION SPECIFICATIONS
Input to Output
4000VAC, 2 MOPP
Input to Earth
1500VAC, 1 MOPP
Output to Earth
500VAC
OVERALL SPECIFICATIONS
Efficiency
92%/94% typ. 120/230VAC
No Load Power
2W max, 90-264V
Start-up Delay
2S maximum
Start-up Rise Time
50ms maximum
Hold-up Time
32ms typ. Full Load
Power Density
9.5 W/in³
Switching Frequency
200 KHz typ.
MTBF to MIL-STD-217GB 40°C
220K Hrs
OUTPUT PROTECTIONS
Over Current Inception
115% Typ Rated Current
Short Circuit
Hiccup Mode, Automatic
recovery
Over Over Voltage Protection
130% Vo max.
Latching, Recycle Input
to Reset
Over Temperature Protection
Automatic recovery
MECHANICAL SPECIFICATIONS
Size
3.0” x 5.0” x 1.40”
Weight
0.88lbs. (400g)
Input Connector
TE 641937-1
Input Mating Connector
Housing TE 770476-2
Terminal TE 770476-2
(18-24 AWG)
Output Connector
TE 640445-6
Output Mating Connector
Housing TE 770476-2
Terminal TE 770476-2
(18-24 AWG)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com