Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACURN101HF Datasheet(PDF) 2 Page - Comchip Technology

Part # ACURN101HF
Description  SMD Ultra Fast Recovery Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ACURN101HF Datasheet(HTML) 2 Page - Comchip Technology

  ACURN101HF Datasheet HTML 1Page - Comchip Technology ACURN101HF Datasheet HTML 2Page - Comchip Technology ACURN101HF Datasheet HTML 3Page - Comchip Technology ACURN101HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RATING AND CHARACTERISTIC CURVES (ACURN101-HF Thru. ACURN105-HF)
Page 2
AQW-JU001
Fig.1- Forward current derating curve
0
Case temperature, (°C)
0
100
200
Fig.2- Maximum non-repetitive peak
forward surge current
0
Number of cycles at 60Hz
1
100
70
125
10
150
1.0
10
0.01
Percent of rated peak reverse voltage (%)
1.0
50
175
0.5
Fig.5 - Typical junction capacitance
1
Reverse voltage, (V)
10
10
200
0.1
100
REV:B
Inductive or resistive load
0.375" (9.5mm) lead length
0.1
0
110
20
40
60
80
1
5
15
20
10
Comchip Technology CO., LTD.
SMD Ultra Fast Recovery Rectifiers
8.3ms Single Half Sine-Wave
(JEDEC Method)
Fig.3- Typical instantaneous forward
characteristics
Instantaneous forward voltage, (V)
100
Fig.4- Typical reverse characteristics
o
TJ = 25 C
25
30
ACU
RN1
04-H
F Th
ru A
CUR
N105
-HF
ACU
RN
101
-HF
Thru
ACU
RN
103
-HF
o
TJ=25 C
o
TJ=125 C
o
TJ=150 C
0.2
1.8
0.6
0.01
0.1
10
1.0
1.4
1.0
2.2
PULSE WIDTH=300uS
1% DUTY CYCLE
Company reserves the right to improve product design , functions and reliability without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com