Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC846W-G Datasheet(PDF) 2 Page - Comchip Technology

Part # BC846W-G
Description  Small Signal Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

BC846W-G Datasheet(HTML) 2 Page - Comchip Technology

  BC846W-G Datasheet HTML 1Page - Comchip Technology BC846W-G Datasheet HTML 2Page - Comchip Technology BC846W-G Datasheet HTML 3Page - Comchip Technology BC846W-G Datasheet HTML 4Page - Comchip Technology BC846W-G Datasheet HTML 5Page - Comchip Technology BC846W-G Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Electrical Characteristics (at TA=25°C unless otherwise noted)
Comchip Technology CO., LTD.
Page 2
REV:B
Small Signal Transistor
QW-BTR35
Collector cutoff current
Unit
Symbol
Parameter
MIN
ICBO
Cob
15
4.5
nA
Test Conditions
BC846W-G, BC847W-G
BC848W-G
VEBO
6
5
V
IE = 1μA , IC = 0
VCB = 30V
TYP
MAX
BC846AW-G, 847AW-G, 848AW-G
DC current gain
hFE
VCE = 5V , IC = 10μA
BC846BW-G, 847BW-G, 848BW-G
BC847CW-G, 848CW-G
90
150
270
BC846AW-G, 847AW-G, 848AW-G
BC846BW-G, 847BW-G, 848BW-G
BC847CW-G, 848CW-G
VCE = 5V , IC = 2mA
110
200
420
220
450
800
Collector-emitter saturation voltage
VCE(sat)
V
IC = 100mA ,IB = 5mA
IC = 10mA , IB = 0.5mA
0.25
0.60
Base-emitter saturation voltage
VBE(sat)
V
IC = 10mA , IB = 0.5mA
IC = 100mA , IB = 5mA
0.7
0.9
Base-emitter voltage
V
(on)
BE
mV
VCE = 5V , IC = 2mA
VCE = 5V , IC = 10mA
580
660
700
770
Transition frequency
fT
MHZ
100
VCE = 5V , IC = 10mA
f = 100MHZ
Collector output capacitance
VCB = 10V , f = 1MHZ
pF
BC846W-G
Collector-base breakdown voltage
BC848W-G
VCBO
80
50
30
V
IC = 10μA , IE = 0
BC847W-G
BC846W-G
Collector-emitter breakdown voltage
BC848W-G
VCEO
65
45
30
V
IC = 10mA , IB = 0
BC847W-G
Noise figure
NF
VCE = 5V , IC = 0.2mA
BC846AW-G, 847AW-G, 848AW-G
BC846BW-G, 847BW-G, 848BW-G
BC847CW-G, 848CW-G
10
4
dB
f = 1KHZ , RS = 2KΩ
BW = 200Hz
10
Company reserves the right to improve product design , functions and reliability without notice.
Emitter-base break voltage



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com