Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC856B-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # BC856B-HF
Description  General Purpose Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

BC856B-HF Datasheet(HTML) 2 Page - Comchip Technology

  BC856B-HF Datasheet HTML 1Page - Comchip Technology BC856B-HF Datasheet HTML 2Page - Comchip Technology BC856B-HF Datasheet HTML 3Page - Comchip Technology BC856B-HF Datasheet HTML 4Page - Comchip Technology BC856B-HF Datasheet HTML 5Page - Comchip Technology BC856B-HF Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Electrical Characteristics (TA= 25°C unless otherwise specified)
Comchip Technology CO., LTD.
Page 2
REV:A
General Purpose Transistor
QW-JTR16
Company reserves the right to improve product design , functions and reliability without notice.
Collector-Base breakdown voltage
Collector-Emitter breakdown voltage
Emitter-Base break
voltage
down
Collector cut-off current
Collector-Emitter saturation voltage
Unit
Symbol
Parameter
MIN
V(BR)CBO
V
CEO
(BR)
V(BR)EBO
ICBO
VCE(sat)
-80
-50
-30
-65
-45
-30
-5
-15
V
V
V
nA
Test Conditions
IC = -10μA , IE=0
IC = -10mA , IB=0
IE = -1μA , IC=0
VCB= -30V , IE=0
MAX
DC current gain
hFE
BC856A ,857A ,858A
BC856B ,857B ,858B
BC857C ,858C
VCE = -5V , IC= -2.2mA
250
475
800
-0.65
Base-Emitter saturation voltage
VBE(sat)
V
Transition frequency
fT
MHZ
100
VCE=-5V, IC=-10mA
f=100MHZ
BC856
BC858
BC857
BC856
BC858
BC857
125
220
420
V
IC =-100mA , IB=-5mA
IC =-10mA , IB=-0.5mA
-0.3
IC =-10mA , IB=-0.5mA
IC =-100mA , IB=-5mA
TYP
-1
-0.7
-0.85
Base-Emitter voltage
VBE(on)
V
IC =-2mA , VCE=-5V
IC =-10mA ,
=-5V
VCE
-0.65
-0.82
-0.6
-0.75
CC
4.5
Collector capacitance
pF
F
10
Transition frequency
dB
IC=-200uA,VCE=-5V
RS=2kΩ,f=1kHz,
B=200Hz
2
VCB =-10V , IE=Ie=0
f=1MHZ
Emitter cut-off current
IEBO
-0.1
µA
VEB= -5V , IC=0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com