Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBAS340-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # CDBAS340-HF
Description  SMD Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBAS340-HF Datasheet(HTML) 1 Page - Comchip Technology

  CDBAS340-HF Datasheet HTML 1Page - Comchip Technology CDBAS340-HF Datasheet HTML 2Page - Comchip Technology CDBAS340-HF Datasheet HTML 3Page - Comchip Technology CDBAS340-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Page 1
QW-JB062
SMD Schottky Barrier Rectifiers
REV:A
Comchip Technology CO., LTD.
Comchip
S M D D i o d e S p e c i a l i s t
Company reserves the right to improve product design , functions and reliability without notice.
Reverse Voltage: 40 Volts
Forward Current: 3.0 Amp
RoHS Device
CDBAS340-HF
Dimensions in inches and (millimeter)
SMA-S
0.191(4.85)
0.173(4.40)
0.108(2.75)
0.096(2.45)
0.043(1.10)
Max.
0.043(1.10)
Mechanical data
- Built-in strain relief
- Metal silicon junction with guard ring
Halogen Free
Features
- Silicon epitaxial planar chips
- Case: Molded plastic, SMA-S
- Terminals: Solder plated solderable per
MIL-STD-750 method 2026
- Polarity: Color band denotes cathode end
- Epoxy: UL94-V0 rate flame retardant
Circuit diagram
Typ.
- Weight: 0.045 grams(approx.)
- For use in low voltage, high frequency invertors
free wheeling and polarity protection
- High surge and current capability
0.045(1.15)
Typ.
0.153(3.90)
0.132(3.35)
- Mounting position: Any
Maximum Ratings and Electrical Characteristics (at TA=25°C unless otherwise noted)
Notes: 1. Pulse test: 300µS pulse width,1% duty cycle
Maximum recurrent peak reverse voltage
Maximum DC blocking voltage
Maximum RMS voltage
Peak forward surge current
8.3ms single half sine-wave superimposed
on rate load (JEDEC method)
Maximum DC reverse current
at rated DC blocking voltage
Operating junction temperature range
Storage temperature range
Value
Unit
Symbol
Parameter
VRRM
VDC
VRMS
IFSM
IF(AV)
IR
RθJA
TJ
TSTG
40
40
28
80
3.0
20
55
-55 to +125
-55 to +150
V
V
V
A
A
mA
°C/W
°C
°C
Maximum forward voltage at 3.0A (note1)
VF
V
0.50
2. Measured at 1.0MHz and applied reverse voltage of 4.0 volts
RθJL
Junction to lead
Junction to Ambient
17
°C/W
T =25°C
A
TA=100°C
0.1
CJ
250
P
F
Typical junction capacitance (note2)
Typical thermal resistance (note3)
Maximum average forward current
0.2 x0.2” 5.0x5.0mm) copper pad area, see Figure 1
(
3. Thermal resistance from junction to ambient and from junction to lead P.C.B. mounted on 0.2x0.2”(5.0x5.0mm) copper pad areas.
0.057(1.45)
0.051(1.30)


Similar Part No. - CDBAS340-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBAS340L-HF COMCHIP-CDBAS340L-HF Datasheet
96Kb / 4P
Low VF SMD Schottky Barrier Rectifiers
REV: A
More results

Similar Description - CDBAS340-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBC520-G COMCHIP-CDBC520-G Datasheet
563Kb / 2P
SMD Schottky Barrier Rectifiers
CDBA220-HF COMCHIP-CDBA220-HF Datasheet
94Kb / 4P
SMD Schottky Barrier Rectifiers
CDBA320-G COMCHIP-CDBA320-G_12 Datasheet
111Kb / 4P
SMD Schottky Barrier Rectifiers
CDBA3150-HF COMCHIP-CDBA3150-HF Datasheet
97Kb / 4P
SMD Schottky Barrier Rectifiers
CDBB320-G COMCHIP-CDBB320-G_12 Datasheet
111Kb / 4P
SMD Schottky Barrier Rectifiers
CDBB5150-HF COMCHIP-CDBB5150-HF Datasheet
98Kb / 4P
SMD Schottky Barrier Rectifiers
CDBC3150-HF COMCHIP-CDBC3150-HF Datasheet
96Kb / 4P
SMD Schottky Barrier Rectifiers
CDBFN120-HF COMCHIP-CDBFN120-HF_12 Datasheet
95Kb / 4P
SMD Schottky Barrier Rectifiers
CDBZ5T30100-HF COMCHIP-CDBZ5T30100-HF Datasheet
610Kb / 4P
SMD Schottky Barrier Rectifiers
CDBZ630100-HF COMCHIP-CDBZ630100-HF Datasheet
725Kb / 4P
SMD Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com