Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBF0130R-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # CDBF0130R-HF
Description  SMD Schottky Barrier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBF0130R-HF Datasheet(HTML) 2 Page - Comchip Technology

  CDBF0130R-HF Datasheet HTML 1Page - Comchip Technology CDBF0130R-HF Datasheet HTML 2Page - Comchip Technology CDBF0130R-HF Datasheet HTML 3Page - Comchip Technology CDBF0130R-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RATING AND CHARACTERISTIC CURVES (CDBF0130R-HF)
SMD Schottky Barrier Diode
Page 2
REV:A
Comchip Technology CO., LTD.
340
310
350
330
360
320
AVG:335mV
O
Ta=25 C
IF=10mA
n=30pcs
Fig. 5 - VF Dispersion map
600
0
800
400
1000
200
100
300
500
700
900
Fig. 6 - IR Dispersion map
30
0
40
20
50
10
5
15
25
35
45
Fig. 7 - CT Dispersion map
O
Ta=25 C
VR=10V
n=30pcs
AVG:111nA
AVG:18.8pF
O
Ta=25 C
F=1MHz
VR=0V
n=10pcs
Reverse voltage (V)
0.2
0.4
0
1
100
0.5
0.1
0.8
Forward voltage (V)
Fig. 1 - Forward characteristics
Reverse voltage (V)
1u
1n
10u
100n
0
10
20
25
30
Fig. 2 - Reverse characteristics
0
20
40
60
80
100
0
25
50
75
100
125
O
Ambient temperature ( C)
Fig.4 - Current derating curve
1000
Fig. 3 - Capacitance between
terminals characteristics
0.6
0.3
0.1
1m
0.7
10
0
15
10
20
1
10
100
5
25
30
100u
15
5
10n
O
25 C
O
-25 C
O
75 C
O
125 C
f = 1 MHz
Ta = 25 C
QW-G1054



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com