Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAJS154035NJ Datasheet(PDF) 2 Page - AVX Corporation

Part # TAJS154035NJ
Description  General purpose SMT chip tantalum series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TAJS154035NJ Datasheet(HTML) 2 Page - AVX Corporation

  TAJS154035NJ Datasheet HTML 1Page - AVX Corporation TAJS154035NJ Datasheet HTML 2Page - AVX Corporation TAJS154035NJ Datasheet HTML 3Page - AVX Corporation TAJS154035NJ Datasheet HTML 4Page - AVX Corporation TAJS154035NJ Datasheet HTML 5Page - AVX Corporation TAJS154035NJ Datasheet HTML 6Page - AVX Corporation TAJS154035NJ Datasheet HTML 7Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MAY 2014
■ 37
TAJ Series
Low Profile
Capacitance
Rated voltage DC (V
R) to 85°C
μF
Code
2.5V (e)
4V (G)
6.3V (J)
10V (A)
16V (C)
20V (D)
25V (E)
35V (V)
50V (T)
0.10
104
R/S
R/S
S
0.15
154
R/S
R
R/S
S
0.22
224
R/S
R
R/S
P/R/S
0.33
334
R/S
R
R/S
P/R(M)/S/T
0.47
474
R/S
R/S
R/S/T
S/T
0.68
684
R/S
R/S/T
R/S
P/S/T
1.0
105
R/S
R/S/T
R/S/T
P/R/S
P/S/T
W
1.5
155
R/S
R/S
R/S
P/R/S/T
P/S/T
T
W
2.2
225
R/S
R/S
R/S
R/S/T
P/R/S/T
T
T
W
3.3
335
R/S
R/S
R/S/T
R/S/T
T
T/W
W
Y
4.7
475
R
R/S
R/S/T
R/S/T
K/P/S/T
T
T/W
W
Y
6.8
685
R
R/S/T
R/S/T
P/R/S/T
S/T
T
W
Y
Y
10
106
R/S
R/S/T
P/R/S/T
K/P/R(M)/S/T
T/W
W
W
X/Y
15
156
R
R/S/T
K/P/R/S/T
S/T/W
T(M)/W
W
Y
Y
22
226
P/R
K/P/R/S/T
K/P(M)/S/T/W
T/W
W
W/Y
Y
Y
33
336
K/P/S
K/P(M)/S/T/W
T/W
W
W/Y
X/Y
Y
47
476
P(M)/S
T/W
T/W
H/W/Y
W/X/Y
X/Y
Y
68
686
T
T/W
W
W/Y
F/X/Y
Y
100
107
T/W
T(M)/W
W/Y
W/X/Y
F(M)/Y
150
157
T(M)/W
W/Y
W/X/Y
F/X(M)/Y
Y(M)
220
227
W/Y
W/X/Y
F/X/Y
Y
330
337
W(M)/Y
F/X/Y
Y
470
477
F/Y
Y
Y
680
687
Y
Y(M)
1000
108
Y(M)
CAPACITANCE AND RATED VOLTAGE RANGE
(LETTER DENOTES CASE SIZE)
Released codes (M tolerance only)
Engineering samples - please contact manufacturer
*Codes under development - subject to change
Note: Voltage ratings are minimum values. AVX reserves the right to supply higher
ratings in the same case size, to the same reliability standards.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com