Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6690 Datasheet(PDF) 7 Page - Sipex Corporation

Part # SP6690
Description  Micro Power Boost Regulator Series White LED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6690 Datasheet(HTML) 7 Page - Sipex Corporation

Back Button SP6690 Datasheet HTML 3Page - Sipex Corporation SP6690 Datasheet HTML 4Page - Sipex Corporation SP6690 Datasheet HTML 5Page - Sipex Corporation SP6690 Datasheet HTML 6Page - Sipex Corporation SP6690 Datasheet HTML 7Page - Sipex Corporation SP6690 Datasheet HTML 8Page - Sipex Corporation SP6690 Datasheet HTML 9Page - Sipex Corporation SP6690 Datasheet HTML 10Page - Sipex Corporation SP6690 Datasheet HTML 11Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
Date: 05/25/04
SP6690 Micro Power Boost Regualtor, Series White LED Driver
© Copyright 2004 Sipex Corporation
0
5
10
15
20
25
1.2
1.8
2.4
3
3.6
4.2
4.8
5.4
Input Voltage (V)
Tamb=-25C
Tamb=25C
Tamb=85C
0
2
4
6
8
10
1.2
1.8
2.4
3
3.6
4.2
4.8
5.4
Input Voltage (V)
0
100
200
300
400
500
600
1.2
1.8
2.4
3
3.6
4.2
4.8
5.4
Input Voltage (V)
0
50
100
150
200
250
300
350
400
-30
-10
10
30
50
70
90
Temperature (°C)
1.20
1.21
1.22
1.23
1.24
1.25
-30
-10
10
30
50
70
90
Temperature (°C)
0
4
8
12
16
20
020
40
6080
100
PWM Duty Cycle (%)
PERFORMANCE CHARACTERISTICS: Continued
Refer to the typical application circuit, TAMB = 25°C, unless otherwise specified.
Figure 13. Quiescent Current IQ vs. VIN
Figure 14. Shutdown Pin Current vs. VIN
Figure 15. IPK Current Limit vs. VIN
Figure 16. Switch Saturation Voltage VCESAT vs.
Temperature (ISW = 350mA)
Figure 17. Feedback Voltage vs. Temperature
Figure 18. Average IO vs. SHDN Duty Cycle (VIN=3.3V,
Standard 4x20mA WLED Evaluation Board, PWM
Frequency 100Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com