Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS74 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74LS74
Description  Dual Positive-Edge-Triggered D Flip-Flops with Preset, Clear and Complementary Outputs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74LS74 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  74LS74 Datasheet HTML 1Page - National Semiconductor (TI) 74LS74 Datasheet HTML 2Page - National Semiconductor (TI) 74LS74 Datasheet HTML 3Page - National Semiconductor (TI) 74LS74 Datasheet HTML 4Page - National Semiconductor (TI) 74LS74 Datasheet HTML 5Page - National Semiconductor (TI) 74LS74 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF6373
June 1989
54LS74DM54LS74ADM74LS74A
Dual Positive-Edge-Triggered D Flip-Flops
with Preset Clear and Complementary Outputs
General Description
This device contains two independent positive-edge-trig-
gered D flip-flops with complementary outputs The informa-
tion on the D input is accepted by the flip-flops on the posi-
tive going edge of the clock pulse The triggering occurs at a
voltage level and is not directly related to the transition time
of the rising edge of the clock The data on the D input may
be changed while the clock is low or high without affecting
the outputs as long as the data setup and hold times are not
violated A low logic level on the preset or clear inputs will
set or reset the outputs regardless of the logic levels of the
other inputs
Features
Y
Alternate militaryaerospace device (54LS74) is avail-
able Contact a National Semiconductor Sales Office
Distributor for specifications
Connection Diagram
Dual-In-Line Package
TLF6373 – 1
Order Number 54LS74DMQB 54LS74FMQB 54LS74LMQB
DM54LS74AJ DM54LS74AW DM74LS74AM or DM74LS74AN
See NS Package Number E20A J14A M14A N14A or W14B
Function Table
Inputs
Outputs
PR
CLR
CLK
D
Q
Q
LH
X
X
H
L
HL
X
X
L
H
LL
X
X
H
H
HH
u
HH
L
HH
u
LL
H
HH
L
X
Q0
Q0
H e High Logic Level
X e Either Low or High Logic Level
L e Low Logic Level
u e Positive-going Transition
e
This configuration is nonstable that is it will not persist when either the preset
andor clear inputs return to their inactive (high) level
Q0 e The output logic level of Q before the indicated input conditions were established
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - 74LS74

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
74LS74 MOTOROLA-74LS74 Datasheet
73Kb / 3P
DUAL D-TYPE POSITIVE EDGE-TRIGGERED FLIP-FLOP
logo
ON Semiconductor
74LS74 ONSEMI-74LS74 Datasheet
102Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
logo
Fairchild Semiconductor
74LS74 FAIRCHILD-74LS74 Datasheet
67Kb / 6P
Dual Positive-Edge-Triggered D Flip-Flops with Preset, Clear and Complementary Outputs
logo
Hitachi Semiconductor
74LS74 HITACHI-74LS74 Datasheet
69Kb / 6P
Dual D-type Positive Edge-triggered Flip-Flops(With Preset and Clear)
logo
SYC Electronica
74LS74 SYC-74LS74 Datasheet
240Kb / 6P
Dual D-Type Positive Edge - Triggered Flip-Flop
More results

Similar Description - 74LS74

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
5474 NSC-5474 Datasheet
121Kb / 6P
Dual Positive-Edge-Triggered D Flip-Flops with Preset, Clear and Complementary Outputs
54LS109 NSC-54LS109 Datasheet
135Kb / 6P
Dual Positive-Edge-Triggered J-K Flip-Flops with Preset, Clear, and Complementary Outputs
logo
Texas Instruments
SN54AHC74 TI-SN54AHC74 Datasheet
105Kb / 19P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
SN54HC74 TI-SN54HC74 Datasheet
96Kb / 16P
DUAL D-TYPE POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
logo
Fairchild Semiconductor
DM7474 FAIRCHILD-DM7474 Datasheet
51Kb / 5P
Dual Positive-Edge-Triggered D-Type Flip-Flops with Preset, Clear and Complementary Outputs
DM74LS74A FAIRCHILD-DM74LS74A Datasheet
67Kb / 6P
Dual Positive-Edge-Triggered D Flip-Flops with Preset, Clear and Complementary Outputs
DM74S74 FAIRCHILD-DM74S74 Datasheet
50Kb / 5P
Dual Positive-Edge-Triggered D Flip-Flops with Preset, Clear, and Complementary Outputs
logo
Texas Instruments
SN54AHC74 TI-SN54AHC74_06 Datasheet
891Kb / 21P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
SN74LS74ADRG4 TI-SN74LS74ADRG4 Datasheet
1Mb / 21P
DUAL D-TYPE POSITIVE-EDGE-TRIGGERED FLIP-FLIP-FLOPS WITH PRESET AND CLEAR
5474 TI1-5474 Datasheet
358Kb / 8P
Dual Positive-Edge-Triggered D Flip-Flops with Preset, Clear and Complementary Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com