Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6690EB Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP6690EB
Description  Evaluation Board Manual
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6690EB Datasheet(HTML) 1 Page - Sipex Corporation

  SP6690EB Datasheet HTML 1Page - Sipex Corporation SP6690EB Datasheet HTML 2Page - Sipex Corporation SP6690EB Datasheet HTML 3Page - Sipex Corporation SP6690EB Datasheet HTML 4Page - Sipex Corporation SP6690EB Datasheet HTML 5Page - Sipex Corporation SP6690EB Datasheet HTML 6Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DESCRIPTION AND BOARD SCHEMATIC
The SP6690 Evaluation Board is designed to help the user evaluate the performance of the
SP6690 as a series white LED driver. The evaluation board is a completely assembled and
tested surface mount board which provides easy probe access points to all SP6690 Inputs and
Outputs so that the user can quickly connect and measure electrical characteristics and
waveforms.
Ideal for series white LED driver
High output voltage, up to 30V
Low quiescent current: 20uA
Ultra low shutdown current: 10nA
High Efficiency: up to 80%
SOT23-5 Package & SMT
components for small, low profile
Power Supply
SP6690
Evaluation Board Manual


Similar Part No. - SP6690EB

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6690EK SIPEX-SP6690EK Datasheet
270Kb / 16P
Micro Power Boost Regulator Series White LED Driver
SP6690EK/TR SIPEX-SP6690EK/TR Datasheet
270Kb / 16P
Micro Power Boost Regulator Series White LED Driver
SP6690EK1 SIPEX-SP6690EK1 Datasheet
270Kb / 16P
Micro Power Boost Regulator Series White LED Driver
SP6690EK1/TR SIPEX-SP6690EK1/TR Datasheet
270Kb / 16P
Micro Power Boost Regulator Series White LED Driver
SP6690ER SIPEX-SP6690ER Datasheet
270Kb / 16P
Micro Power Boost Regulator Series White LED Driver
More results

Similar Description - SP6690EB

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6126 SIPEX-SP6126_1 Datasheet
375Kb / 8P
Evaluation Board Manual
SP6652LED SIPEX-SP6652LED Datasheet
505Kb / 4P
Evaluation Board Manual
SP6654EB SIPEX-SP6654EB Datasheet
185Kb / 4P
Evaluation Board Manual
SP6687 SIPEX-SP6687_06 Datasheet
61Kb / 4P
Evaluation Board Manual
SP7615 SIPEX-SP7615_1 Datasheet
84Kb / 4P
Evaluation Board Manual
SP7618 SIPEX-SP7618_06 Datasheet
87Kb / 6P
Evaluation Board Manual
SP7619 SIPEX-SP7619_06 Datasheet
61Kb / 4P
Evaluation Board Manual
SP7648 SIPEX-SP7648_05 Datasheet
254Kb / 4P
Evaluation Board Manual
SP7662 SIPEX-SP7662_1 Datasheet
545Kb / 11P
Evaluation Board Manual
logo
Eorex Corporation
EP3003EV EOREX-EP3003EV Datasheet
223Kb / 5P
Evaluation Board Manual
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com