Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP682 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP682
Description  Micro Power Inverting Charge Pump
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP682 Datasheet(HTML) 4 Page - Sipex Corporation

  SP682 Datasheet HTML 1Page - Sipex Corporation SP682 Datasheet HTML 2Page - Sipex Corporation SP682 Datasheet HTML 3Page - Sipex Corporation SP682 Datasheet HTML 4Page - Sipex Corporation SP682 Datasheet HTML 5Page - Sipex Corporation SP682 Datasheet HTML 6Page - Sipex Corporation SP682 Datasheet HTML 7Page - Sipex Corporation SP682 Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Date: 5/20/04
SP682 Micro Power Inverting Charge Pump
© Copyright 2004 Sipex Corporation
Table 1. R
OUT .vs. C1, C2
Table 2. C3 .vs. V
RIPPLE
SHUTDOWN FEATURE
The SP682 charge pump includes a shutdown
feature (pin 8) which disables the charge pump
when the V
OUT is not needed. A logic "1" will
activate the shutdown mode. If shutdown is not
needed, it can be left open where an internal
pull-down resistor will always keep the charge
pump active.
Typical input current for the
shutdown pin is 3
µA. The shutdown feature is
another option for conserving power in portable
applications, reducing current to only 1
µA.
PARALLEL DEVICES
Multiple SP682 charge pumps can be connected
in parallel. However, the effective output resis-
tance now is the output resistance of a single
device divided by the number of devices. Con-
necting multiple pumps allows the user to save
on the storage capacitor.
The charge pump
capacitors still must be separate for each device.
APPLICATIONS INFORMATION
The SP682 charge pump produces a doubled,
inverted voltage from the V
CC input. As such, it
can serve in many applications where a negative
–5V to –10V output is needed. Typical applica-
tions include powering analog switches, and
biasing LCD displays and panels.
The ESR of the charge pump capacitors also
determine the output resistance. Assuming that
switch resistances are approximately equal, the
output resistance can be derived as shown be-
low:
R
OUT = 16*(RSW1-4) + 4*( ESRC1+ ESRC2) + ESRC3
+ 1 / (f
OSC * C1) + 1 / (fOSC * C2)
R
OUT is typically 140Ω at +25°C with VCC at
+5V using 3.3
µF capacitors. The total internal
switch resistance (16*R
SW) is approximately
90
Ω. The table below shows the comparison of
R
OUT versus C1&C2.
C1, C2 (
µF)
ROUT (
)
0.05
4085
0.10
2084
0.47
510
1.00
285
3.30
140
4.70
125
10.00
105
22.00
94
The output voltage ripple is also affected by the
capacitors, specifically C
OUT.
Larger values
will reduce the output ripple for a given output
current load of current. The formula represen-
tation is:
V
RIPPLE = {1 / [2 * (fOSC * C3)] + 2 * (ESRC3)} * IOUT
To minimize the output ripple, the C
OUT storage
capacitor can be increased to over 10
µF whereas
the pump capacitors can range from 1
µF to 5µF.
Table 2 shows the typical V
RIPPLE for given
C
OUT values.
C
OUT (µF)
V
RIPPLE (mV)
0.50
1020
1.00
520
3.30
172
4.70
120
10.00
70
22.00
43
THEORY OF OPERATION



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com