Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6690EK/TR Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP6690EK/TR
Description  Micro Power Boost Regulator Series White LED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6690EK/TR Datasheet(HTML) 5 Page - Sipex Corporation

  SP6690EK/TR Datasheet HTML 1Page - Sipex Corporation SP6690EK/TR Datasheet HTML 2Page - Sipex Corporation SP6690EK/TR Datasheet HTML 3Page - Sipex Corporation SP6690EK/TR Datasheet HTML 4Page - Sipex Corporation SP6690EK/TR Datasheet HTML 5Page - Sipex Corporation SP6690EK/TR Datasheet HTML 6Page - Sipex Corporation SP6690EK/TR Datasheet HTML 7Page - Sipex Corporation SP6690EK/TR Datasheet HTML 8Page - Sipex Corporation SP6690EK/TR Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
Date: 05/25/04
SP6690 Micro Power Boost Regualtor, Series White LED Driver
© Copyright 2004 Sipex Corporation
Vout = 12V Efficiency
50
60
70
80
90
020
4060
80
100
120
140
Iout (mA)
Vin = 5.0V
Vin = 4.2V
Vin = 3.3V
Vin = 2.7V
Vout = 12V Load Regulation
11.0
11.5
12.0
12.5
13.0
020
40
60
80
100
120
140
Iout (mA)
Vin = 5.0V
Vin = 4.2V
Vin = 3.3V
Vin = 2.7V
Vout = 15V Efficiency
50
60
70
80
90
010
20 3040506070 8090 100
Iout (mA)
Vin = 5.0V
Vin = 4.2V
Vin = 3.3V
Vin = 2.7V
Vout = 15V Load Regulation
14.0
14.5
15.0
15.5
16.0
010
20
30
4050
607080
90 100
Iout (mA)
Vin = 5.0V
Vin = 4.2V
Vin = 3.3V
Vin = 2.7V
Vout = 18V Efficiency
50
60
70
80
90
010
20
30
40
5060
7080
Iout (mA)
Vin = 5.0V
Vin = 4.2V
Vin = 3.3V
Vin = 2.7V
Vout = 18V Load Regulation
17.0
17.5
18.0
18.5
19.0
010
20
30
40
5060
70
80
Iout (mA)
Vin = 5.0V
Vin = 4.2V
Vin = 3.3V
Vin = 2.7V
PERFORMANCE CHARACTERISTICS
Refer to the typical application circuit, TAMB = 25°C, unless otherwise specified.
Figure 1. 12V Output Efficiency
Figure 2. 12V Output Load Regulation
Figure 3. 15V Output Efficiency
Figure 4. 15V Output Load Regulation
Figure 5. 18V Output Efficiency
Figure 6. 18V Output Load Regulation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com