Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M02094 Datasheet(PDF) 39 Page - M/A-COM Technology Solutions, Inc.

Part # M02094
Description  3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 2 Gbps
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02094 Datasheet(HTML) 39 Page - M/A-COM Technology Solutions, Inc.

Back Button M02094 Datasheet HTML 35Page - M/A-COM Technology Solutions, Inc. M02094 Datasheet HTML 36Page - M/A-COM Technology Solutions, Inc. M02094 Datasheet HTML 37Page - M/A-COM Technology Solutions, Inc. M02094 Datasheet HTML 38Page - M/A-COM Technology Solutions, Inc. M02094 Datasheet HTML 39Page - M/A-COM Technology Solutions, Inc. M02094 Datasheet HTML 40Page - M/A-COM Technology Solutions, Inc. M02094 Datasheet HTML 41Page - M/A-COM Technology Solutions, Inc. M02094 Datasheet HTML 42Page - M/A-COM Technology Solutions, Inc. M02094 Datasheet HTML 43Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
Applications
02094-DSH-001-C
Mindspeed Technologies™
39
Mindspeed Proprietary and Confidential
Figure 4-3.
Application Diagram, Common Cathode VCSEL w/o Monitor Diode
V
CC3 -1.3V
Internal
3.3V reg.
Input
Buf f er
Output
Buf f er
Laser
Driv er
Automatic Power Control
(laser bias current)
TX
Disable
Saf ety
Circuitry with
LatchedFault
Modulation
Control
OUT-
OUT+
GND0
IBOUT_CC
IPIN
D
IN-
D
IN+
Internal Power
Bus
V
CC3
V
CC
V
CC3
SGND
CC
SEL
V
CC3
For V
CC=3.3V, tie VCC3 to VCC.
Connect to V
CC
when V
CC =3.3V
Connect toGND
when V
CC = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com