Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP690S Datasheet(PDF) 11 Page - Sipex Corporation

Part # SP690S
Description  3.0V/3.3V Low Power Microprocessor Supervisory with Battery Switch-Over
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP690S Datasheet(HTML) 11 Page - Sipex Corporation

Back Button SP690S Datasheet HTML 7Page - Sipex Corporation SP690S Datasheet HTML 8Page - Sipex Corporation SP690S Datasheet HTML 9Page - Sipex Corporation SP690S Datasheet HTML 10Page - Sipex Corporation SP690S Datasheet HTML 11Page - Sipex Corporation SP690S Datasheet HTML 12Page - Sipex Corporation SP690S Datasheet HTML 13Page - Sipex Corporation SP690S Datasheet HTML 14Page - Sipex Corporation SP690S Datasheet HTML 15Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
SP690T/S/R DS/10
SP690T/S/R, 802/T/S/R, 804T/S/R, 805T/S/R Low Power Microprocessor Supervisory
© Copyright 2000 Sipex Corporation
Figure 19. Timing Diagram
VCC
0V
3.0V or 3.3V
tWP
RESET
RESET*
PFO
VOUT
3.0V or 3.3V
3.0V or 3.3V
VSW
VBATTERY=3.6V
VRST
VSW
0V
VBATTERY=PFI=3.6V
IOUT=0mA
*SP804T/S/R and SP805T/S/R only; Reset externally pulled up to VCC.
0V
0V
3.0V or 3.3V
3.0V or 3.3V
0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com