Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7614 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP7614
Description  Low Dropout LED Driver for any Color LED
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7614 Datasheet(HTML) 2 Page - Sipex Corporation

  SP7614 Datasheet HTML 1Page - Sipex Corporation SP7614 Datasheet HTML 2Page - Sipex Corporation SP7614 Datasheet HTML 3Page - Sipex Corporation SP7614 Datasheet HTML 4Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Rev:002 Date: 1/30/04
SP7614 Low Dropout LED Driver for Any Color LED
© Copyright 2004 Sipex Corporation
ELECTRICAL SPECIFICATIONS
Specifications are at TA=25
°C, VIN =3.3to 5.5, ENABLE =VIN,
denotes the specifications which apply over the full
V
I1, VI2, Vi3, Vi4 and EN Voltage to GND .... -0.3V to 6V
CTRL Voltage to GND ........................................ 0.5V
Output Current (I
OUT) ........................................ 80mA
Power Dissipation per Package - 6-pin SC-70 at T
A =
85°C .............................................................. 190mW
Junction Temperature .................................... +150°C
Storage Temperature ...................... -55°C to +150°C
ESD Level. ................................................. 4kV HBM
These are stress ratings only and functional operation of
the device at these ratings or any other above those
indicated in the operation sections of the specifications
below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may affect
reliability.
ABSOLUTE MAXIMUM RATINGS
R
E
T
E
M
A
R
A
P.
N
I
M.
P
Y
T.
X
A
MS
T
I
N
US
N
O
I
T
I
D
N
O
C
n
o
i
t
a
c
il
p
i
t
l
u
M
t
n
e
r
r
u
C
t
u
p
t
u
O
o
i
t
a
R
0
4
10
0
20
6
2
A
m
V
T
A
S
A
m
0
5
1
=
I
L
R
T
N
C
A
µ
0
0
1
=
)
e
d
o
i
D
r
e
P
(
t
n
e
r
r
u
C
D
E
L0
2
A
m
V
T
A
S
A
m
0
5
1
=
I
L
R
T
N
C
A
µ
0
0
1
=
g
n
i
h
c
t
a
M
t
n
e
r
r
u
C
D
E
L
o
t
D
E
L3
-3
%
d
a
o
L
o
N
y
c
n
e
i
c
i
f
f
E
k
a
e
P0
9%
e
d
o
M
F
F
O
n
i
t
n
e
r
r
u
C1
A
µ
"
e
g
a
t
l
o
V
N
O
"
E
L
B
A
N
E
.
n
i
M3
V
"
e
g
a
t
l
o
V
F
F
O
"
E
L
B
A
N
E
.
x
a
M5
.
0V
operating temperature range, unless otherwise specified.
PIN DESCRIPTION
PIN NUMBER
PIN NAME
DESCRIPTION
1
CTRL
Sets LED Current.
2
LED1
Connect to Cathode of LED.
3
N/C
No Connect.
4
GND
Ground.
5
LED2
Connect to Cathode of LED.
6
ON/OFF
Chip ON/OFF/Disable.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com