Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C0-R10J-10 Datasheet(PDF) 2 Page - Semikron International

Part # C0-R10J-10
Description  CERAMIC CHIP INDUCTORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

C0-R10J-10 Datasheet(HTML) 2 Page - Semikron International

  C0-R10J-10 Datasheet HTML 1Page - Semikron International C0-R10J-10 Datasheet HTML 2Page - Semikron International C0-R10J-10 Datasheet HTML 3Page - Semikron International C0-R10J-10 Datasheet HTML 4Page - Semikron International C0-R10J-10 Datasheet HTML 5Page - Semikron International C0-R10J-10 Datasheet HTML 6Page - Semikron International C0-R10J-10 Datasheet HTML 7Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
C0 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
26.01.2015
6. ELECTRICAL CHARACTERISTICS :
100
100
100
100
100
100
100
100
100
100
100
100
Test Frequency
( MHz )
100
100
C0-1N0S-10
Part Number
Max.
470
DC Resistance
( Ω )
Min
Q
4
Inductance Tolerence : S=± 0.3nH , J=± 5% , K=± 10%
1.0
(nH)
1.2
1.5
2.0
1.8
3.0
3.6
3.3
4.3
3.9
2.2
2.4
2.7
4.7
Inductance
( MHz )
Typ.
SRF
Rated Current
(mA) Max
5.1
100
0.11
>13000
4
4
4
4
4
4
5
5
5
5
5
5
5
5
450
430
390
380
360
350
340
330
320
310
300
280
280
270
>13000
>13000
>13000
>13000
12500
11700
11000
11000
9600
9100
8600
8100
7600
7100
100
100
100
100
100
260
250
250
240
230
6600
6100
5600
5300
4900
5
5
5
5
5
5.6
6.2
6.8
7.5
8.2
C0-1N2S-10
C0-1N5S-10
C0-1N8S-10
C0-2N0S-10
C0-2N2S-10
C0-2N4S-10
C0-2N7S-10
C0-3N0S-10
C0-3N3S-10
C0-3N6S-10
C0-3N9S-10
C0-4N3S-10
C0-4N7S-10
C0-5N1S-10
C0-5N6S-10
C0-6N2S-10
C0-6N8J-10
C0-7N5J-10
C0-8N2J-10
Q(Typ.) Frequency(MHz)
100 300 500 800 1000
6
6
6
6
6
6
6
7
7
7
7
7
7
7
7
7
7
7
7
7
12
12
12
12
12
12
12
12
12
12
12
12
12
12
12
12
11
11
11
11
17
16
15
15
15
15
15
15
15
15
15
15
15
15
15
15
14
14
14
14
22
21
20
20
20
20
20
20
20
20
20
20
19
19
19
19
18
18
18
18
27
25
23
23
22
22
22
22
22
22
22
22
21
21
21
21
20
20
19
19
Typ.
0.088
Min
10000
10000
10000
10000
10000
8800
8300
7700
7200
6700
6400
6000
5700
5300
5000
4600
4200
3900
3600
3400
0.12
0.089
0.13
0.11
0.16
0.12
0.17
0.13
0.19
0.14
0.20
0.15
0.21
0.16
0.22
0.18
0.23
0.19
0.25
0.20
0.27
0.20
0.30
0.22
0.30
0.24
0.33
0.26
0.36
0.27
0.38
0.29
0.39
0.30
0.41
0.34
0.45
0.34
100
220
4600
5
9.1
C0-9N1J-10
7
111417
18
3200
0.48
0.40
100
220
4200
5
10
C0-10NJ-10
7
111417
18
2900
0.51
0.41
100
190
3800
5
12
C0-12NJ-10
7
111417
18
2700
0.68
0.45
100
180
3300
5
15
C0-15NJ-10
7
111316
17
2300
0.71
0.50
100
170
3000
5
18
C0-18NJ-10
7
111316
17
2100
0.81
0.57
100
150
2600
5
22
C0-22NJ-10
7
111315
16
1800
1.00
0.71
100
120
2600
4
27
C0-27NJ-10
6
101214
15
1800
1.35
1.11
100
110
2400
4
33
C0-33NJ-10
6
101214
14
1700
1.47
1.33
100
100
2100
4
39
C0-39NJ-10
6
101213
12
1500
1.72
1.51
100
100
1800
4
47
C0-47NJ-10
6
101112
11
1300
1.90
1.74
100
80
1600
4
56
C0-56NJ-10
6
101111
10
1100
2.27
1.85
100
80
1500
4
68
C0-68NJ-10
6
101111
10
1100
2.66
2.30
100
70
1400
4
82
C0-82NJ-10
6
101110
8
1000
3.37
2.60
100
60
1200
4
100
C0-R10J-10
69
10
9
6
900
3.74
3.00
CERAMIC CHIP INDUCTORS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com