Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP800LCT/TR Datasheet(PDF) 16 Page - Sipex Corporation

Part # SP800LCT/TR
Description  Low Power Microprocessor Supervisory with Battery Switch-Over
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP800LCT/TR Datasheet(HTML) 16 Page - Sipex Corporation

Back Button SP800LCT/TR Datasheet HTML 12Page - Sipex Corporation SP800LCT/TR Datasheet HTML 13Page - Sipex Corporation SP800LCT/TR Datasheet HTML 14Page - Sipex Corporation SP800LCT/TR Datasheet HTML 15Page - Sipex Corporation SP800LCT/TR Datasheet HTML 16Page - Sipex Corporation SP800LCT/TR Datasheet HTML 17Page - Sipex Corporation SP800LCT/TR Datasheet HTML 18Page - Sipex Corporation SP800LCT/TR Datasheet HTML 19Page - Sipex Corporation SP800LCT/TR Datasheet HTML 20Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
Date: 5/25/04
SP691A/693A/800L/800M Low Power Microprocessor Supervisor with Battery Switch-Over © Copyright 2004 Sipex Corporation
16
Continuous current should be limited to 25mA
and peak currents (only during power-up)
limited to 250mA. The reverse leakage of this
input is less than 1
µA over temperature and
supply voltage.
Output Supply Voltage
The Output Supply Voltage (VOUT) supplies all
the current to the external system and internal
circuitry. All open-circuit outputs will assume
the VOUT voltage in their high states rather than
the VCC voltage. At the maximum source
current of 250mA, VOUT will typically be
150mV below VCC. VOUT should be decoupled
with 0.1
µF capacitor.
TYPICAL APPLICATIONS
The SP691A/693A/800L/800M devices are not
short-circuit protected. Shorting VOUT to
ground, other than power-up transients such as
charging a decoupling capacitor, may destroy
the device. All open-circuit outputs swing
between VOUT and GND rather than VCC and
GND. If long leads connect to the chip inputs,
ensure that these lines are free from ringing and
other conditions that would forward bias the
chip's protection diodes.
There are three distinct modes of operation:
1) Normal operating mode with all circuitry
powered from V
CC. Typical supply current
from V
CC is 35µA, while only leakage
currents flow from the battery.
2) Battery-backup mode where V
CC is typically
within 0.7V below V
BATT. All circuitry is
powered from V
BATT and the supply
current from the battery is typically less
than 5
µA.
3) Battery-backup mode where V
CC is less than
V
BATT by at least 0.7V. V BATT supply
current is less than 1
µA max.
Using High Capacity Capacitor with the
SP691A/693A/800L/800M Series
VBATT has the same operating voltage range as
VCC, and the battery-switchover threshold
voltages are typically +30mV centered at VBATT,
allowing use of a capacitor and a simple
charging circuit as a backup source. Refer to
Figure 25.
If VCC is above the reset threshold and VBATT
is 0.5V above VCC, current flows to VOUT and
VCC from VBATT until the voltage at VBATT is
less than 0.5V above VCC.
Leakage current through the capacitor charging
diode and SP691A/693A/800L/800M internal
power diode eventually discharges the capacitor
to VCC. Also, if VCC and VBATT start from 0.5V
above the reset threshold and power is lost at
VCC, the capacitor on VBATT discharges through
VCC until VBATT reaches the reset threshold; the
SP691A/693A/800L/800M devices then switch
to battery-backup mode.
Using Separate Power Supplies for V
BATT
and V
CC
If using separate power supplies for VCC and
VBATT, VBATT must be less than 0.3V above
VCC when VCC is above the reset threshold.
As described in the previous section, if VBATT
exceeds this limit and power is lost at VCC,
current flows continuously from VBATT to
VCC via the VBATT-to-VOUT diode and the
VOUT-to-VCC switch until the circuit is broken.
Refer to Figure 24.
Alternative Chip-Enable Gating
Using memory devices with CE and CE inputs
allows the CE loop of the SP691A/693A/800L/
800M series to be bypassed. To do this,
connect CE
IN to ground, pull up CEOUT to V
OUT
,
Figure 25. High Capacity Capacitor on V
BATT
Corporation
+5V
1N4148
0.47F
1
3
2
4
Vcc
VBATT
VOUT
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com