Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C1-R22-10 Datasheet(PDF) 3 Page - Semikron International

Part # C1-R22-10
Description  CERAMIC CHIP INDUCTORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

C1-R22-10 Datasheet(HTML) 3 Page - Semikron International

  C1-R22-10 Datasheet HTML 1Page - Semikron International C1-R22-10 Datasheet HTML 2Page - Semikron International C1-R22-10 Datasheet HTML 3Page - Semikron International C1-R22-10 Datasheet HTML 4Page - Semikron International C1-R22-10 Datasheet HTML 5Page - Semikron International C1-R22-10 Datasheet HTML 6Page - Semikron International C1-R22-10 Datasheet HTML 7Page - Semikron International C1-R22-10 Datasheet HTML 8Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
C1 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 3
26.01.2015
Test Frequency
( MHz )
Part Number
Typ.
DC Resistance
( Ω )
Min
Q
Inductance Tolerence : □
(nH)
Inductance
( MHz )
Min
SRF
Rated Current
(mA) Max
Q(Typ.) Frequency(MHz)
100 300 500 800 1000
Max.
Typ.
100
150
600
8
120
C1-R12□-10
10
12
10
-
-
800
1.10
1.60
CERAMIC CHIP INDUCTORS
100
140
550
150
C1-R15□-10
--
920
2.57
3.20
100
130
500
180
C1-R18□-10
--
810
2.97
3.70
100
120
450
220
C1-R22□-10
--
700
3.29
4.20
100
110
400
270
C1-R27□-10
--
600
3.92
4.80
8
121717
812
16-
812
16-
812
14-
J=± 5%
K=± 10%



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com