Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP704CP Datasheet(PDF) 11 Page - Sipex Corporation

Part # SP704CP
Description  Low Power Microprocessor Supervisory with Battery Switch-Over
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP704CP Datasheet(HTML) 11 Page - Sipex Corporation

Back Button SP704CP Datasheet HTML 7Page - Sipex Corporation SP704CP Datasheet HTML 8Page - Sipex Corporation SP704CP Datasheet HTML 9Page - Sipex Corporation SP704CP Datasheet HTML 10Page - Sipex Corporation SP704CP Datasheet HTML 11Page - Sipex Corporation SP704CP Datasheet HTML 12Page - Sipex Corporation SP704CP Datasheet HTML 13Page - Sipex Corporation SP704CP Datasheet HTML 14Page - Sipex Corporation SP704CP Datasheet HTML 15Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
SP703/704DS/07
SP703/704 Low Power Microprocessor Supervisory
© Copyright 2000 Sipex Corporation
11
L
A
N
G
I
SS
U
T
A
T
S
V
C
C
V
m
o
r
f
d
e
t
c
e
n
n
o
c
s
i
D
T
U
O
V
T
U
O
V
o
t
d
e
t
c
e
n
n
o
C
T
T
A
B
h
g
u
o
r
h
t
8
l
a
n
r
e
t
n
i
n
a
Ω
h
c
t
i
w
s
S
O
M
P
V
T
T
A
B
V
o
t
d
e
t
c
e
n
n
o
C
T
U
O
t
n
e
r
r
u
C
.
s
i
y
r
e
t
t
a
b
e
h
t
m
o
r
f
n
w
a
r
d
6
.
0
n
a
h
t
s
s
e
l
µ
s
a
g
n
o
l
s
a
,
A
V
C
C
V
<
T
T
A
B
.
V
1
-
I
F
P
s
i
r
o
t
a
r
a
p
m
o
c
li
a
f
-
r
e
w
o
P
.
d
e
l
b
a
s
i
d
O
F
Pw
o
l
c
i
g
o
L
T
E
S
E
Rw
o
l
c
i
g
o
L
R
Md
e
l
b
a
s
i
d
s
i
t
e
s
e
R
l
a
u
n
a
M
Using a High Capacity Capacitor
as a Backup Power Source
VBATT has the same operating voltage range as
VCC, and the battery-switchover threshold volt-
ages are typically +20mV centered at VBATT,
allowing use of a capacitor and a simple charg-
ing circuit as a backup source (see Figure 12).
If VCC is above the reset threshold and VBATT
is 0.5V above VCC, current flows to V
OUT and
VCC from VBATT until the voltage at VBATT is
less than 0.5V above VCC.
Leakage current through the capacitor charging
diode and the SP703/704 internal power
diode eventually discharges the capacitor to
VCC. Also, if VCC and VBATT start from 0.5V
above the reset threshold and power is lost
at VCC, the capacitor on VBATT discharges
through VCC until VBATT reaches the reset
threshold; the SP703/704 then switches to
battery-backup mode.
Figure 11. Allowable BACKUP-BATTERY Voltages
Figure 10. Input and Output Status in Battery-Backup Mode.
To enter the Battery-Backup mode, V
CC must be less than the
Reset threshold and less than V
BATT.
Figure 12. Backup Power Source Using High Capacity
Capacitor with SP703 and a +5V
±5% Supply
Figure 13. Backup Power Source Using High Capacity
Capacitor with SP704 and a +5V
±10% Supply
T
R
A
P
R
E
B
M
U
N
M
U
M
I
X
A
M
Y
R
E
T
T
A
B
-
P
U
K
C
A
B
]
V
[
E
G
A
T
L
O
V
3
0
7
P
S0
8
.
4
4
0
7
P
S5
5
.
4
VCC
+5V
GND
VBATT
VOUT
RESET
CONNECT TO
STATIC RAM
TO
µP
0.1F
CONNECT
SP703
VCC
+5V
GND
VBATT
VOUT
RESET
CONNECT TO
STATIC RAM
TO
µP
100K
Ω
0.1F
CONNECT
SP704



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com