Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7651 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP7651
Description  Wide Input Voltage Range 3A, 900kHz, Buck Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7651 Datasheet(HTML) 4 Page - Sipex Corporation

  SP7651 Datasheet HTML 1Page - Sipex Corporation SP7651 Datasheet HTML 2Page - Sipex Corporation SP7651 Datasheet HTML 3Page - Sipex Corporation SP7651 Datasheet HTML 4Page - Sipex Corporation SP7651 Datasheet HTML 5Page - Sipex Corporation SP7651 Datasheet HTML 6Page - Sipex Corporation SP7651 Datasheet HTML 7Page - Sipex Corporation SP7651 Datasheet HTML 8Page - Sipex Corporation SP7651 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Date: 08/25/04
SP7651 Wide Input Voltage Range 3A, 900kHz, Buck Regulator
© Copyright 2004 Sipex Corporation
General Overview
The SP7651 is a fixed frequency, voltage mode,
synchronous PWM regulator optimized for high
efficiency. The part has been designed to be
especially attractive for split plane applications
utilizing 5V to power the controller and 2.5V to
28V for step down conversion.
The heart of the SP7651 is a wide bandwidth
transconductance amplifier designed to accom-
modate Type II and Type III compensation
schemes. A precision 0.8V reference, present on
the positive terminal of the error amplifier per-
mits the programming of the output voltage
down to 0.8V via the VFB pin. The output of the
error amplifier, COMP, which is compared to a
1.1V peak-to-peak ramp is responsible for trail-
ing edge PWM control. This voltage ramp, and
PWM control logic are governed by the internal
oscillator that accurately sets the PWM fre-
quency to 900kHz.
THEORY OF OPERATION
The SP7651 contains two unique control fea-
tures that are very powerful in distributed appli-
cations. First, asynchronous driver control is
enabled during start up, to prohibit the low side
NFET from pulling down the output until the
high side NFET has attempted to turn on. Sec-
ond, a 100% duty cycle timeout ensures that the
low side NFET is periodically enhanced during
extended periods at 100% duty cycle. This guar-
antees the synchronized refreshing of the BST
capacitor during very large duty ratios.
The SP7651 also contains a number of valuable
protection features. Programmable UVLO al-
lows the user to set the exact VIN value at which
the conversion voltage can safely begin down
conversion, and an internal VCC UVLO ensures
that the controller itself has enough voltage to
properly operate. Other protection features in-
PIN DESCRIPTION
#
n
i
Pe
m
a
N
n
i
Pn
o
i
t
p
i
r
c
s
e
D
3
-
1P
D
N
G
r
e
i
f
i
t
c
e
r
s
u
o
n
o
r
h
c
n
y
s
e
h
t
r
o
f
n
o
i
t
c
e
n
n
o
c
d
n
u
o
r
G
1
2
-
9
1
,
8
,
4D
N
G
e
r
a
r
e
v
i
r
d
r
e
w
o
p
r
e
w
o
l
d
n
a
C
I
e
h
t
f
o
y
r
t
i
u
c
r
i
c
l
o
r
t
n
o
c
e
h
T
.
n
i
P
d
n
u
o
r
G
)
-
(
e
h
t
o
t
s
e
c
a
r
t
d
n
u
o
r
g
r
e
h
t
o
m
o
r
f
y
l
e
t
a
r
a
p
e
s
n
r
u
t
e
R
.
n
i
p
s
i
h
t
o
t
d
e
c
n
e
r
e
f
e
r
.
t
u
o
C
f
o
l
a
n
i
m
r
e
t
5V
B
F
t
u
p
n
i
g
n
i
t
r
e
v
n
i
e
h
t
s
i
t
I
.
n
i
p
n
o
i
t
c
e
t
e
D
t
i
u
c
r
i
C
t
r
o
h
S
d
n
a
e
g
a
t
l
o
V
k
c
a
b
d
e
e
F
r
o
f
t
n
i
o
p
k
c
a
b
d
e
e
f
e
g
a
t
l
o
v
t
u
p
t
u
o
e
h
t
s
a
s
e
v
r
e
s
d
n
a
r
e
i
f
il
p
m
A
r
o
r
r
E
e
h
t
f
o
d
e
t
s
u
j
d
a
e
b
n
a
c
d
n
a
d
e
s
n
e
s
s
i
e
g
a
t
l
o
v
t
u
p
t
u
o
e
h
T
.
r
e
t
r
e
v
n
o
C
k
c
u
B
e
h
t
V
r
e
v
e
n
e
h
W
.
r
e
d
i
v
i
d
r
o
t
s
i
s
e
r
l
a
n
r
e
t
x
e
n
a
h
g
u
o
r
h
t
B
F
e
h
t
w
o
l
e
b
V
5
2
.
0
s
p
o
r
d
p
u
c
c
i
h
s
r
e
t
n
e
C
I
e
h
t
d
n
a
d
e
t
c
e
t
e
d
s
i
t
l
u
a
f
t
i
u
c
r
i
c
t
r
o
h
s
a
,
e
c
n
e
r
e
f
e
r
e
v
i
t
i
s
o
p
.
e
d
o
m
6P
M
O
C
t
u
p
n
i
g
n
i
t
r
e
v
n
i
e
h
t
o
t
d
e
t
c
e
n
n
o
c
y
ll
a
n
r
e
t
n
i
s
i
t
I
.
r
e
i
f
il
p
m
A
r
o
r
r
E
e
h
t
f
o
t
u
p
t
u
O
d
n
a
n
e
s
o
h
c
s
i
n
o
i
t
a
n
i
b
m
o
c
r
e
t
li
f
l
a
m
i
t
p
o
n
A
.
r
o
t
a
r
a
p
m
o
c
M
W
P
e
h
t
f
o
V
r
o
d
n
u
o
r
g
r
e
h
t
i
e
d
n
a
n
i
p
s
i
h
t
o
t
d
e
t
c
e
n
n
o
c
B
F
e
g
a
t
l
o
v
e
h
t
e
z
il
i
b
a
t
s
o
t
.
p
o
o
l
e
d
o
m
7N
I
V
U
V
n
e
e
w
t
e
b
r
e
d
i
v
i
d
r
o
t
s
i
s
e
r
a
t
c
e
n
n
o
C
.
e
g
a
t
l
o
v
n
i
V
r
o
f
t
u
p
n
i
O
L
V
U
N
I
d
n
a
V
U
N
I
e
g
a
t
l
o
v
g
n
i
t
a
r
e
p
o
m
u
m
i
n
i
m
t
e
s
o
t
9S
S
e
h
t
t
e
s
o
t
D
N
G
d
n
a
S
S
n
e
e
w
t
e
b
r
o
t
i
c
a
p
a
c
l
a
n
r
e
t
x
e
n
a
t
c
e
n
n
o
C
.
t
r
a
t
S
t
f
o
S
w
o
l
d
l
e
h
s
i
n
i
p
S
S
e
h
T
.
t
n
e
r
r
u
c
e
c
r
u
o
s
A
µ
0
1
e
h
t
n
o
d
e
s
a
b
e
t
a
r
t
r
a
t
s
t
f
o
s
.
s
n
o
i
t
i
d
n
o
c
t
l
u
a
f
ll
a
g
n
i
r
u
d
t
n
e
r
r
u
c
)
n
i
m
(
A
m
1
a
a
i
v
3
1
-
0
1V
N
I
g
n
il
p
u
o
c
e
d
a
e
c
a
l
P
.
T
E
F
S
O
M
l
e
n
n
a
h
c
-
N
e
d
i
s
h
g
i
h
e
h
t
o
t
n
o
i
t
c
e
n
n
o
c
t
u
p
n
I
.
D
N
G
P
d
n
a
n
i
p
s
i
h
t
n
e
e
w
t
e
b
r
o
t
i
c
a
p
a
c
6
2
-
3
2
,
6
1
-
4
1X
LV
d
n
a
n
i
p
s
i
h
t
n
e
e
w
t
e
b
r
o
t
c
u
d
n
i
n
a
t
c
e
n
n
o
C
T
U
O
2
2V
C
C
y
l
p
p
u
s
s
a
i
b
V
5
l
a
n
r
e
t
x
e
r
o
f
t
u
p
n
I
7
1C
Nt
c
e
n
n
o
C
o
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com