Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7652 Datasheet(PDF) 11 Page - Sipex Corporation

Part # SP7652
Description  Wide Input Voltage Range 6A, 600kHz, Buck Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7652 Datasheet(HTML) 11 Page - Sipex Corporation

Back Button SP7652 Datasheet HTML 5Page - Sipex Corporation SP7652 Datasheet HTML 6Page - Sipex Corporation SP7652 Datasheet HTML 7Page - Sipex Corporation SP7652 Datasheet HTML 8Page - Sipex Corporation SP7652 Datasheet HTML 9Page - Sipex Corporation SP7652 Datasheet HTML 10Page - Sipex Corporation SP7652 Datasheet HTML 11Page - Sipex Corporation SP7652 Datasheet HTML 12Page - Sipex Corporation SP7652 Datasheet HTML 13Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
Date: 08/12/04
SP7652 Wide Input Voltage Range 6A, 600kHz, Buck Regulator
© Copyright 2004 Sipex Corporation
TYPICAL PERFORMANCE CHARACTERISTICS
SP7652 Effi. vs Iout Plots @
Vin=8V, 12V, 15V, and Vout=5.0V
80.0
82.0
84.0
86.0
88.0
90.0
92.0
94.0
96.0
123
456
Load Current (A)
Vin=12V
Vin=8V
Vin=15V
SP7652 Vout vs Iout Plots @
Vin=8V, 12V, and 15V
4.94
4.945
4.95
4.955
4.96
01
2
3
4
5
6
Load Current (A)
Vin=12V
Vin=8V
Vin=15V
SP7652 Effi. vs Iout Plots @
Vin=5V, and Vout=3.3V
90.0
90.5
91.0
91.5
92.0
92.5
93.0
93.5
12345
6
Load Current (A)
SP7652 Vout vs Iout Plots @
Vin=5V, and Vout=3.3V
3.28
3.285
3.29
3.295
3.3
3.305
3.31
0
123
45
6
Load Current (A)
SP7652 Effi. vs Iout Plots @ Vin=3.3V, and Vout=0.8V
70.0
71.0
72.0
73.0
74.0
75.0
76.0
77.0
78.0
79.0
80.0
123456
Load Current (A)
SP7652 Vout vs Iout Plots @ Vin=3.3V, and Vout=0.8V
0.786
0.788
0.79
0.792
0.794
0
123
45
6
Load Current (A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com