Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9308 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 9308
Description  Dual 4-Bit Latch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

9308 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  9308 Datasheet HTML 1Page - National Semiconductor (TI) 9308 Datasheet HTML 2Page - National Semiconductor (TI) 9308 Datasheet HTML 3Page - National Semiconductor (TI) 9308 Datasheet HTML 4Page - National Semiconductor (TI) 9308 Datasheet HTML 5Page - National Semiconductor (TI) 9308 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Functional Description
Data can be entered into the latch when both of the enable
inputs are LOW As long as this logic condition exists the
output of the latch will follow the input If either of the enable
inputs goes HIGH the data present in the latch at that time
is held in the latch and is no longer affected by data input
The master reset overrides all other input conditions and
forces the outputs of all the latches LOW when a LOW sig-
nal is applied to the Master Reset input
Truth Table
MR
E0E1
D
Qn
Operation
H
L
L
L
L
Data Entry
H
L
L
H
H
Data Entry
HL
H
X
Qnb1
Hold
HH
L
X
Qnb1
Hold
HH
H
X
Qnb1
Hold
L
X
X
X
L
Reset
Qnb1 e Previous Output State
Qn e Present Output State
H e HIGH Voltage Level
L e LOW Voltage Level
X e Immaterial
Logic Diagram
TLF10208 – 3
Switching Characteristics VCC ea50V TA ea25 C (See Section 5 for test waveforms and output load)
9308
Symbol
Parameter
CL e 15 pF
Units
RL e 400X
Min
Max
tPLH
Propagation Delay
30
ns
tPHL
EntoQn
22
tPLH
Propagation Delay
15
ns
tPHL
Dn to Qn
18
tPHL
Propagation Delay
22
ns
MR to Qn
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com