Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1057656 Datasheet(PDF) 7 Page - SICK AG

Part # 1057656
Description  MID RANGE DISTANCE SENSORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1057656 Datasheet(HTML) 7 Page - SICK AG

  1057656 Datasheet HTML 1Page - SICK AG 1057656 Datasheet HTML 2Page - SICK AG 1057656 Datasheet HTML 3Page - SICK AG 1057656 Datasheet HTML 4Page - SICK AG 1057656 Datasheet HTML 5Page - SICK AG 1057656 Datasheet HTML 6Page - SICK AG 1057656 Datasheet HTML 7Page - SICK AG 1057656 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
DS35-B15821 | Dx35
MID RANGE DISTANCE SENSORS
2016-03-19 03:03:08 | Online data sheet
Subject to change without notice
DISTANCE SENSORS | SICK
7
DT35, DS35
Distance in m (feet)
14
0
10
12
(46)
(6.6)
(13.1)
(19.7)
(26.3)
(32.8)
(39.4)
Repeatability in mm (inch)
0
2
(0.08)
4
(0.16)
6
(0.24)
8
(0.31)
10
(0.39)
12
(0.47)
Fast
2
4
6
8
Functional reserve
Specification basis
technical data
Secured performance
90 % Remission
18 % Remission
6 % Remission
Recommended accessories
Other models and accessories
www.sick.com/Dx35
Brief description
Type
Part no.
Universal bar clamp systems
Plate N02 for universal clamp bracket, Zinc plated steel (sheet), Zinc die cast (clamping
bracket), Universal clamp (5322626), mounting hardware
BEF-KHS-N02
2051608
Mounting brackets and mounting plates
Mounting bracket: horizontal sending axis for ceiling or floor installation or vertical send-
ing axis for wall installation, steel, zinc coated, incl. mounting material, steel, zinc coat-
ed, mounting hardware for the sensor included
BEF-WN-DX35
2069592
Terminal and alignment brackets
Alignment unit, steel, zinc coated, mounting hardware for the sensor included
BEF-AH-DX50
2048397
Plug connectors and cables
Head A: female connector, M12, 5-pin, straight
Head B: cable
Cable: PVC, unshielded, 2 m
DOL-1205-G02M
6008899
Head A: female connector, M12, 5-pin, angled
Head B: cable
Cable: PVC, unshielded, 2 m
DOL-1205-W02M
6008900
Head A: female connector, M12, 5-pin, straight, A-coded
Head B: male connector, M12, 5-pin, straight, A-coded
Cable: digital I/Os, drag chain use, PUR, halogen-free, unshielded, 2 m
DSL-1205-G02MC
6025931



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com