Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLJS476M010R1500 Datasheet(PDF) 4 Page - AVX Corporation

Part # TLJS476M010R1500
Description  Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TLJS476M010R1500 Datasheet(HTML) 4 Page - AVX Corporation

  TLJS476M010R1500 Datasheet HTML 1Page - AVX Corporation TLJS476M010R1500 Datasheet HTML 2Page - AVX Corporation TLJS476M010R1500 Datasheet HTML 3Page - AVX Corporation TLJS476M010R1500 Datasheet HTML 4Page - AVX Corporation TLJS476M010R1500 Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
54
■ AUGUST 2014
TLJ Series
Tantalum Solid Electrolytic Chip Capacitors
High CV Consumer Series
Rated
Rated
Category
Category
Maximum
DCL
ESR
100kHz RMS Current (mA)
AVX
Case
Capacitance
Voltage
Temperature
Voltage
Temperature
Surge
(μA)
Max.
MSL
Product
Part No.
Size
(μF)
(V)
(ºC)
(V)
(ºC)
Current
Max.
(mΩ)
25ºC
85ºC
125ºC
Category
(A)
@ 100kHz
10 Volt @ 40°C
TLJN106M010#2500
N
10
10
40
2
125
1.7
1.0
2500
3
141
127
57
1
TLJR106M010#2000
R
10
10
40
2
125
2.0
1.0
2000
3
166
149
66
1
TLJR106M010#3000
R
10
10
40
2
125
1.4
1.0
3000
3
135
122
54
1
TLJR156M010#2000
R
15
10
40
2
125
2.0
1.5
2000
3
166
149
66
1
TLJK226M010#1800
K
22
10
40
2
125
2.2
2.2
1800
3
167
150
67
2
TLJN226M010#3800
N
22
10
40
2
125
1.2
2.2
3800
3
115
103
46
1
TLJR226M010#3800
R
22
10
40
2
125
1.2
2.2
3800
3
120
108
48
2
TLJK336M010#1500
K
33
10
40
2
125
2.6
3.3
1500
3
208
187
83
2
TLJN336M010#9600
N
33
10
40
2
125
0.5
6.6
9600
3
72
65
29
1
TLJP336M010#3500
P
33
10
40
2
125
1.3
3.3
3500
3
131
118
52
2
TLJR336M010#3500
R
33
10
40
2
125
1.3
3.3
3500
3
125
113
50
2
TLJS336M010#1500
S
33
10
40
2
125
2.6
3.3
1500
3
208
187
83
2
TLJA476M010#0600
A
47
10
40
2
125
4.8
4.7
600
3
354
318
141
1
TLJG476M010#1500
G
47
10
40
2
125
2.6
4.7
1500
3
216
194
86
2
TLJP476M010#3200
P
47
10
40
2
125
1.4
4.7
3200
3
137
123
55
2
TLJR476M010#3200
R
47
10
40
2
125
1.4
9.4
3200
3
131
118
52
2
TLJS476M010#1500
S
47
10
40
2
125
2.6
4.7
1500
3
208
187
83
2
TLJT476M010#0600
T
47
10
40
2
125
4.8
4.7
600
3
365
329
146
1
TLJA686M010#1500
A
68
10
40
2
125
2.6
6.8
1500
3
224
201
89
2
TLJA107M010#1400
A
100
10
40
2
125
2.7
10.0
1400
3
231
208
93
2
TLJH107M010#0900
H
100
10
40
2
125
3.7
10.0
900
3
298
268
119
2
TLJT107M010#0900
T
100
10
40
2
125
3.7
10.0
900
3
298
268
119
2
TLJB157M010#0500
B
150
10
40
2
125
5.3
15.0
500
3
412
371
165
1
TLJW157M010#0150
W
150
10
40
2
125
8.3
15.0
150
3
775
697
310
1
TLJW157M010#0200
W
150
10
40
2
125
7.7
15.0
200
3
671
604
268
1
TLJF227M010#0300
F
220
10
40
2
125
6.7
22.0
300
3
577
520
231
1
16 Volt @ 40°C
TLJS106M016#2200
S
10
16
40
3.2
125
3.0
1.6
2200
3
172
155
69
1
TLJT226M016#1000
T
22
16
40
3.2
125
5.5
3.5
1000
3
283
255
113
1
TLJT336M016#1000
T
33
16
40
3.2
125
5.5
5.3
1000
3
283
255
113
1
20 Volt @ 40°C
TLJT106M020#1000
T
10
20
40
4
125
6.9
2.0
1000
3
283
255
113
1
RATINGS & PART NUMBER REFERENCE
Moisture Sensitivity Level (MSL) is defined according to J-STD-020.
All technical data relates to an ambient temperature of +25°C. Capacitance is measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts. DCL is measured at
rated voltage after 5 minutes.
ESR allowed to move up to 1.25 times catalogue limit post mounting
DCL allowed to move up to 2.00 times catalogue limit post mounting
For typical weight and composition see page 212.
NOTE: AVX reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com