Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8043W Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP8043W
Description  10 Channel Photo Detector IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8043W Datasheet(HTML) 2 Page - Sipex Corporation

  SP8043W Datasheet HTML 1Page - Sipex Corporation SP8043W Datasheet HTML 2Page - Sipex Corporation SP8043W Datasheet HTML 3Page - Sipex Corporation SP8043W Datasheet HTML 4Page - Sipex Corporation SP8043W Datasheet HTML 5Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SP8043
Rev 0.8 (05-24-04)
SP8043 Ten-Channel Photo detector IC
SIPEX RESERVES THE RIGHT TO MAKE CHANGES TO THIS DATASHEET. CALL FOR UPDATES: 1-978-667-8700.
SIPEX CONFIDENTIAL, PRELIMINARY & PROPRIETARY. DO NOT DISTRIBUTE
OR COPY
page
2 of 5
PIN ASSIGNMENTS
Pin #
Pin Name
Pin Function
1
A
Output of A channel
2
D
Output of D channel
3
Vcc
Supply voltage. Bypass to GND with ceramic capacitor 0.1uF
4
RF+
Output of RF+ channel. RF+ = 0.375 (A + B + C + D)
5
RF-
Output of RF- channel. RF- = -0.375 (A + B + C + D)
6
GND
Ground pin
7
B
Output of B channel
8
C
Output of C channel
9
H
Output of H channel
10
F
Output of F channel
11
Gain 1
Mode switch input.
12
Gain 2
Mode switch input.
13
GND
Ground pin
14
Vref
Reference voltage. Bypass to GND with ceramic capacitor 0.1uF
15
G
Output of G channel
16
E
Output of E channel
BOARD LAYOUT AND GROUNDING
To obtain the best performance from the SP8043, a printed circuit board with ground plane is
required. Both ground pins (pins #6 and #13) should be connected to the ground plane. High
quality, low series resistance ceramic 0.1uF bypass capacitors should be used at the Vcc and
Vref pins (pins #3 and #14). These capacitors must be located as close to the pins as possible.
The traces connecting the pins to the ground plane, Vcc, Vref, and bypassing capacitors must
be kept short and should be made as wide as possible.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com