Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAW82F1D Datasheet(PDF) 1 Page - Seoul Semiconductor

Part # SAW82F1D
Description  Enable High Flux and Cost Efficient System
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SAW82F1D Datasheet(HTML) 1 Page - Seoul Semiconductor

  SAW82F1D Datasheet HTML 1Page - Seoul Semiconductor SAW82F1D Datasheet HTML 2Page - Seoul Semiconductor SAW82F1D Datasheet HTML 3Page - Seoul Semiconductor SAW82F1D Datasheet HTML 4Page - Seoul Semiconductor SAW82F1D Datasheet HTML 5Page - Seoul Semiconductor SAW82F1D Datasheet HTML 6Page - Seoul Semiconductor SAW82F1D Datasheet HTML 7Page - Seoul Semiconductor SAW82F1D Datasheet HTML 8Page - Seoul Semiconductor SAW82F1D Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1
SAW82F1D
– Chip on Board
Product Data Sheet
Product Brief
Description
제품사진
•아래규격에 부합하는 이미지만 가능: 없을 경우 마케팅
팀에 의뢰
•고해상도
•흰 배경
•표준크기: 제품이 가득 차게 가로 5cm 규격 으로
사각 위치에 맞게 (가로세로 비율 고정)
Key Applications
Features and Benefits
Key Message:
- ex) Enabling high flux systems while reduces LED count
- ex) Enabling compact systems with high reliability
- ex) High reliability and High quality of light
- ex) Flicker-free AC/DC LED Solution
- ex) High-efficient Dimming Solution
Product Family:
- ex) Mid-Power LED
- ex) High-Power LED for Automotive
- ex) Chip on Board
Product ID (part number):
- ex) STW8C2SA
- ex) SZ5-M0-WN-C8
Description
•
Features and Benefits
•
Key Applications
•
•표는 반드시
“Table 번호#. 표 설명” 을 제목으로 한다.
www.seoulsemicon.com
Font 글씨체
표(Table) - 제목: Arial 10pt, 표 내부: Arial 8pt, 본문(Body)
– Arial 9pt
Certificate 아이콘 삽입
(해당되는 아이콘 오른쪽 에서 왼쪽방향으로 순차 삽입)
Rev1.0, Apr 6, 2016
Enable High Flux and Cost Efficient System
SAW82F1D
Z Power Chip on board
– ZC series
•
The ZC series are LED arrays which
provide High Flux and High Efficacy.
•
Especially it is designed for easy
assembly of lighting fixtures by
eliminating reflow soldering process.
•
It‘s thermal management is better than
other power LED solutions with wide
Metal area.
•
ZC series are ideal light sources for
general lighting applications including
Replacement Lamps, Industrial &
Commercial Lightings and other high
lumen required applications.
•
Replacement Lamps
– Bulb, MR16, PAR
•
Commercial
– Downlight
•
Residential
Table 1. Product Selection Table
Automotive
Lighting, MR16, PAR,
down light
Bulb, LFT
Outdoor, streetlight,
tunnel, parking
Home appliance
Architectural,
Entertainment
Sign, Channel
Sensor, Torch
Application 응용제품 아이콘 삽입
RoHS
LM-80
TV, PC, NB,
MNT, Mobile
Troffer, Highbay
MacAdam
3-Step
RoHS
Part Number
CCT [K]
Color
Min.
Typ.
Max.
SAW82F1D
Cool White
4,700K
5,600K
7,000K
Neutral White
3,700K
4,200K
4,700K
Warm White
2,600K
3,000K
3,700K
•
Size 10.8mm * 10.8mm
•
Power dissipation 5.6W
•
ErP 6-step binning
•
High Color quality with CRI Min.80(R9>0)
•
Uniformed Shadow
•
Excellent Thermal management
•
RoHS compliant


Similar Part No. - SAW82F1D

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SAW81F1D SEOUL-SAW81F1D Datasheet
882Kb / 21P
Enable High Flux and Cost Efficient System
SAW8A32D SEOUL-SAW8A32D Datasheet
1Mb / 26P
Market Standard 3528 Package Size
SAW8A32E SEOUL-SAW8A32E Datasheet
1Mb / 31P
High Color Quality, CRI Min. 80
SAW8A32E-E1 SEOUL-SAW8A32E-E1 Datasheet
1Mb / 31P
RoHS compliant
SAW8A32E-E2 SEOUL-SAW8A32E-E2 Datasheet
1Mb / 31P
Mid-Power LED
More results

Similar Description - SAW82F1D

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SDW81F1DY SEOUL-SDW81F1DY Datasheet
669Kb / 24P
Enable High Flux and Cost Efficient System
SDWX1F1B SEOUL-SDWX1F1B Datasheet
696Kb / 26P
Enable High Flux and Cost Efficient System
SDWX1F1C SEOUL-SDWX1F1C Datasheet
737Kb / 27P
Enable High Flux and Cost Efficient System
SDWX2F1C SEOUL-SDWX2F1C Datasheet
762Kb / 27P
Enable High Flux and Cost Efficient System
SDWX3F1C SEOUL-SDWX3F1C Datasheet
757Kb / 27P
Enable High Flux and Cost Efficient System
SDWX4F1C SEOUL-SDWX4F1C Datasheet
796Kb / 27P
Enable High Flux and Cost Efficient System
SDWX5F1C SEOUL-SDWX5F1C Datasheet
784Kb / 27P
Enable High Flux and Cost Efficient System
SDWX6F1C SEOUL-SDWX6F1C Datasheet
849Kb / 24P
Enable High Flux and Cost Efficient System
SDWX7F1C SEOUL-SDWX7F1C Datasheet
514Kb / 25P
Enable High Flux and Cost Efficient System
SAW81F1D SEOUL-SAW81F1D Datasheet
882Kb / 21P
Enable High Flux and Cost Efficient System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com