Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW7C2SB Datasheet(PDF) 11 Page - Seoul Semiconductor

Part # STW7C2SB
Description  Achieving the best system cost in Mid/High Power
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

STW7C2SB Datasheet(HTML) 11 Page - Seoul Semiconductor

Back Button STW7C2SB Datasheet HTML 7Page - Seoul Semiconductor STW7C2SB Datasheet HTML 8Page - Seoul Semiconductor STW7C2SB Datasheet HTML 9Page - Seoul Semiconductor STW7C2SB Datasheet HTML 10Page - Seoul Semiconductor STW7C2SB Datasheet HTML 11Page - Seoul Semiconductor STW7C2SB Datasheet HTML 12Page - Seoul Semiconductor STW7C2SB Datasheet HTML 13Page - Seoul Semiconductor STW7C2SB Datasheet HTML 14Page - Seoul Semiconductor STW7C2SB Datasheet HTML 15Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
www.seoulsemicon.com
Product Data Sheet
STW7C2SB
– Mid-Power LED
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
11
글씨체는 : Arial, 10pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
Rev2.0, Dec 3, 2015
Color Bin Structure
 Color Bin CIE 그래프는 한 장에 넣는다.
Part Number
Luminous Intensity (cd)
Color Chromaticity
Coordinate
Typical Forward Voltage (V)
Bin
Code
Min.
Max.
Bin
Code
Min.
Max.
STW7C2SB
K27
27.0
28.5
Refer to page.12
Z58
5.8
6.0
K28
28.5
30.0
Z60
6.0
6.2
L30
30.0
32.0
Z62
6.2
6.4
L32
32.0
34.0
Table 6. Intensity rank distribution
Available ranks
Table 5. Bin Code description, T
j=25℃, IF=100mA
*Notes :
All measurements were made under the standardized environment of Seoul Semiconductor.
In order to ensure availability, single color rank will not be orderable.
CCT
CIE
IV Rank
6000- 7000K
A
K27
K28
L30
5300- 6000K
B
K27
K28
L30
4700 ~ 5300K
C
K27
K28
L30
L32
4200 ~ 4700K
D
K27
K28
L30
L32
3700 ~ 4200K
E
K27
K28
L30
L32
3200 ~ 3700K
F
K27
K28
L30
L32
2900 ~ 3200K
G
K27
K28
L30
L32
2600 ~ 2900K
H
K27
K28
L30
L32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com