Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8057 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP8057
Description  High Speed 11-channel Photo Detector IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8057 Datasheet(HTML) 2 Page - Sipex Corporation

  SP8057 Datasheet HTML 1Page - Sipex Corporation SP8057 Datasheet HTML 2Page - Sipex Corporation SP8057 Datasheet HTML 3Page - Sipex Corporation SP8057 Datasheet HTML 4Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ADVANCED
SP8057
Rev 0.3 (01-20-04)
SP8057 – High Speed 11-Channel PDIC
SIPEX RESERVES THE RIGHT TO MAKE CHANGES TO THIS DATASHEET. CALL FOR UPDATES: 1-978-667-8700.
SIPEX CONFIDENTIAL, ADVANCED & PROPRIETARY. DO NOT DISTRIBUTE OR
COPY
page
2 of 4
PIN ASSIGNMENTS
Pin #
Pin Name
Pin Function
1
Vs
Reference voltage. Bypass to GND with ceramic capacitor 0.1uF
2
GND
Ground pin
3
GK
Output of GK channel (sum of G + K sensor signals)
4
HL
Output of HL channel (sum of H + L sensor signals)
5
EI
Output of EI channel (sum of E + I sensor signals)
6
FJ
Output of FJ channel (sum of F + J sensor signals)
7
SW1
Logic input of Gain Controller. Allows three states – low, high, and middle - Z
8
SW2
Logic input of Gain Controller. Allows three states – low, high, and middle - Z
9
RF-
Output of RF- channel. RF- = - 0.5 x (A + B +C + D)
10
RF+
Output of RF+ channel. RF+ = 0.5 x (A + B + C + D)
11
A
Output of A channel
12
B
Output of B channel
13
C
Output of C channel
14
D
Output of D channel
15
WRF
Output of WRF channel. WRF = 4 x (A + B + C + D)
16
VCC
Supply voltage. Bypass to GND with ceramic capacitor 0.1uF
BOARD LAYOUT AND GROUNDING
To obtain the best performance from the SP8057, a printed circuit board with ground plane is
required. High quality, low series resistance ceramic 0.1uF bypass capacitors should be used at
the Vcc and Vs pins (pins 1 and 16). These capacitors must be located as close to the pins as
possible. The traces connecting the pins and the bypassing capacitors must be kept short and
should be made as wide as possible.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com