Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M31544 Datasheet(PDF) 21 Page - M/A-COM Technology Solutions, Inc.

Part # M31544
Description  3G/HD/SD-SDI Long Reach Adaptive Cable Equalizer with Integrated Jitter Cleaner
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M31544 Datasheet(HTML) 21 Page - M/A-COM Technology Solutions, Inc.

Back Button M31544 Datasheet HTML 17Page - M/A-COM Technology Solutions, Inc. M31544 Datasheet HTML 18Page - M/A-COM Technology Solutions, Inc. M31544 Datasheet HTML 19Page - M/A-COM Technology Solutions, Inc. M31544 Datasheet HTML 20Page - M/A-COM Technology Solutions, Inc. M31544 Datasheet HTML 21Page - M/A-COM Technology Solutions, Inc. M31544 Datasheet HTML 22Page - M/A-COM Technology Solutions, Inc. M31544 Datasheet HTML 23Page - M/A-COM Technology Solutions, Inc. M31544 Datasheet HTML 24Page - M/A-COM Technology Solutions, Inc. M31544 Datasheet HTML 25Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Functional Descriptions
31544-DSH-001-B
Mindspeed Technologies
®
21
Mindspeed Proprietary and Confidential
4.5
Digital Interface
The 4-wire serial interface is selected with pin.MODE_SEL =H. The M31544/64 serial interface supports daisy
chain mode in order to control several devices.
4.5.1
4-Wire Serial Write
Figure 4-4 Illustrates the Serial Write Mode. To initiate the 16-bit long write sequence, xCS is driven low before the
rising edge of SCLK. On each rising edge of the clock, the 16 bits consisting of R/xW = 0 for write, ADDR (7-bit)
and DATA (8-bit), are latched into the input shift register through SI. After the last data bit is sent, xCS must be
driven high to complete the write operation.
4.5.2
4-Wire Serial Read
Figure 4-5 Illustrates the Serial Read Mode. To initiate the 32-bit long read sequence, xCS is driven low before the
rising edge of SCLK. On each rising edge of the clock, the first16 bits consisting of R/xW = 1 for read, ADDR (7-bit)
and dummy DATA (8 x “1” bits), are latched into the input shift register through SI. After the 16th bit is sent, xCS
must be toggled to start the second part of the operation. The second set of 16 x “1” bits are latched into the input
shift register through SI while the register address and data requested in the first part of the read transaction are
shifted out on SO on the failing edge of the clock. Finally, xCS must be driven high to complete the read operation.
Figure 4-4.
4-wire Serial WRITE Timing Diagram
Figure 4-5.
4-wire Serial READ Timing Diagram
DON’T CARE
SCLK
xCS
Tcs
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
A6
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
0
SI
SO
Tch
Tcot
Tds
Tdh
Tzdd
Tddz
DON’T CARE
SCLK
xCS
Tcs
12
34
5678
9
15 16
A6
A5
A4
A3
A2
A1
A0
1
SI
SO
Tch
Tcot
Tds
Tdh
Tzdd
Tddz
Tcs
1
2
8
9
10
11
12
13
14
15 16
Tch
Tcot
Tzdd
Tddz
A6
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
1
1
Tdd
8 bits
16 bits
...
...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com