Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP691AEN/TR Datasheet(PDF) 12 Page - Sipex Corporation

Part # SP691AEN/TR
Description  Low Power Microprocessor Supervisory with Battery Switch-Over
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP691AEN/TR Datasheet(HTML) 12 Page - Sipex Corporation

Back Button SP691AEN/TR Datasheet HTML 8Page - Sipex Corporation SP691AEN/TR Datasheet HTML 9Page - Sipex Corporation SP691AEN/TR Datasheet HTML 10Page - Sipex Corporation SP691AEN/TR Datasheet HTML 11Page - Sipex Corporation SP691AEN/TR Datasheet HTML 12Page - Sipex Corporation SP691AEN/TR Datasheet HTML 13Page - Sipex Corporation SP691AEN/TR Datasheet HTML 14Page - Sipex Corporation SP691AEN/TR Datasheet HTML 15Page - Sipex Corporation SP691AEN/TR Datasheet HTML 16Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
Date: 5/25/04
SP691A/693A/800L/800M Low Power Microprocessor Supervisor with Battery Switch-Over © Copyright 2004 Sipex Corporation
12
Watchdog Function
The watchdog monitors
µP activity via the
Watchdog Input (WDI). If the
µP becomes
inactive, RESET and RESET are asserted.
To use the watchdog function, connect WDI to
a bus line or
µP I/O line. If WDI remains high
or low for longer than the watchdog timeout pe-
riod (1.6s nominal). WDO, RESET, and RESET
are asserted, indicating a software fault or idle
conditions. Refer to RESET and RESET
Outputs and Watchdog Output sections.
Watchdog Input
A change of logic state (minimum 100ns
duration) at WDI during the watchdog period
will reset the watchdog timer. The watchdog
default timout is 1.6sec.
To disable the watchdog function, leave WDI
floating. An internal resistor network (100k
Ω
equivalent impedance at WDI) biases WDI to
approximately 1.6V. Internal comparators
detect this level and disable the watchdog timer.
When Vcc is below the reset threshold, the
watchdog function is disabled and WDI is
disconnected from its internal resistor network,
thus becoming high impedance.
Watchdog Output
WDO remains high if there is activity (transition
or pulse) at WDI during the watchdog-timeout
period. The watchdog function is disabled and
WDO is a logic high when VCC is less than the
reset threshold or when WDI is an open circuit.
In watchdog mode, if no transition occurs at
WDI during the watchdog-timeout period,
Figure 20. Watchdog Timeout Period and Reset Active Time
Figure 21. Selecting Timeout Periods
OSCSEL
No Connect
X
No Connect
X
OSCIN
7
8
OSCSEL
No Connect
X
OSCIN
7
8
OSCSEL
OSCIN
7
8
OSCSEL
OSCIN
7
8
1.6sec Normal Watchdog Timeout
Internal Oscillator
100ms Normal Watchdog Timeout
Internal Oscillator
Normal Watchdog Timeout =
[ms]
External Oscillator
Normal Watchdog Timeout = 1024 Clock Periods
External Clock
600 x CIN
47pF
CIN
t2
t1
t1
t3
t1 = RESET Timeout Period
t2 = Normal Watchdog Timeout Period
t3 = Watchdog Timeout Period Immediately After RESET
WDI
WDO
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com