Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBFR70-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # CDBFR70-HF
Description  SMD Schottky Barrier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBFR70-HF Datasheet(HTML) 2 Page - Comchip Technology

  CDBFR70-HF Datasheet HTML 1Page - Comchip Technology CDBFR70-HF Datasheet HTML 2Page - Comchip Technology CDBFR70-HF Datasheet HTML 3Page - Comchip Technology CDBFR70-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMD Schottky Barrier Diode
Page 2
REV:A
RATING AND CHARACTERISTIC CURVES (CDBFR70-HF)
Reverse voltage (V)
Fig.3 - Capacitance between
terminals characteristics
0.2
0.4
0
10
0.6
1
0.1
1.6
Forward voltage (V)
Fig. 1 - Forward characteristics
Reverse voltage (V)
100n
0.1 n
1u
100u
10n
1n
0
20
40
70
Fig. 2 - Reverse characteristics
0
15
20
40
0
0.2
0.6
2.0
1.0
0
20
40
60
80
100
0
25
50
75
100
125
150
O
Ambient temperature ( C)
Mounting on glass epoxy PCBs
Fig.4 - Current derating curve
120
100
f=1MHz
O
TA=25 C
O
0 C
O
75
C
O
25 C
10
30
50
1.2
0.8
0.4
5
25
10
QW-G1010
1.4
1.2
1.0
0.8
O
-40 C
60
10u
O
25 C
O
75 C
O
125 C
O
0 C
O
-40 C
30
35
1.4
1.6
1.8
Comchip Technology CO., LTD.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com