Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBFR0245-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # CDBFR0245-HF
Description  SMD Schottky Barrier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBFR0245-HF Datasheet(HTML) 1 Page - Comchip Technology

  CDBFR0245-HF Datasheet HTML 1Page - Comchip Technology CDBFR0245-HF Datasheet HTML 2Page - Comchip Technology CDBFR0245-HF Datasheet HTML 3Page - Comchip Technology CDBFR0245-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CDBFR0245-HF
SMD Schottky Barrier Diode
Page 1
QW-G1071
REV:A
O
Maximum Rating (at TA=25 C unless otherwise noted)
O
Electrical Characteristics (at TA=25 C unless otherwise noted)
OC
OC
mW
mA
mA
V
V
3000
+125
+125
250
200
45
50
-40
TSTG
Tj
PD
IO
VR
VRRM
IFSM
8.3ms single half sine-wave superimposed
on rate load(JEDEC method)
Storage temperature
Junction temperature
Power Dissipation
Average forward current
Reverse voltage
Repetitive peak reverse voltage
Forward current,surge peak
Parameter
Conditions
Symbol Min Typ Max Unit
P
F
uA
V
9
1
0.55
CT
IR
VF
Capacitance between terminals
Reverse current
Forward voltage
Parameter
Conditions
Symbol Min Typ Max Unit
f = 1 MHZ, and 10VDC reverse voltage
VR = 10 V
IF = 200 mA DC
-40
0.102(2.60)
0.095(2.40)
0.051(1.30)
0.043(1.10)
0.035(0.90)
0.027(0.70)
Dimensions in inches and (millimeter)
0.020(0.50) Typ.
0.040(1.00) Typ.
Comchip Technology CO., LTD.
1005/SOD-323F
Features
-Designed for mounting on small surface.
-Extremely thin/leadless package.
-Low leakage current (IR=0.1uA typ.@VR=10V).
-Majority carrier conduction.
Mechanical data
-Case: 1005/SOD-323F standard package,
molded plastic.
-Terminals: Gold plated, solderable per
MIL-STD-750,method 2026.
-Marking code: cathode band & B6
-Mounting position: Any
-Weight: 0.006 gram(approx.).
Io = 200 mA
RoHS Device
Halogen Free
VR = 45 Volts


Similar Part No. - CDBFR0245-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBFR0245 COMCHIP-CDBFR0245 Datasheet
78Kb / 2P
SMD Schottky Barrier Diode
More results

Similar Description - CDBFR0245-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
RB521G30-G COMCHIP-RB521G30-G Datasheet
51Kb / 2P
SMD Schottky Barrier Diode
CDBF0145 COMCHIP-CDBF0145 Datasheet
151Kb / 2P
SMD Schottky Barrier Diode
CDBF0245 COMCHIP-CDBF0245 Datasheet
151Kb / 2P
SMD Schottky Barrier Diode
CDBF0520 COMCHIP-CDBF0520 Datasheet
124Kb / 2P
SMD Schottky Barrier Diode
CDBFR40 COMCHIP-CDBFR40 Datasheet
72Kb / 2P
SMD Schottky Barrier Diode
CDBFR0145 COMCHIP-CDBFR0145 Datasheet
76Kb / 2P
SMD Schottky Barrier Diode
CDBFR00340 COMCHIP-CDBFR00340 Datasheet
74Kb / 2P
SMD Schottky Barrier Diode
CDBFR0520L COMCHIP-CDBFR0520L Datasheet
73Kb / 2P
SMD Schottky Barrier Diode
CDBU70 COMCHIP-CDBU70 Datasheet
74Kb / 2P
SMD Schottky Barrier Diode
CDBUR42 COMCHIP-CDBUR42 Datasheet
73Kb / 2P
SMD Schottky Barrier Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com