Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX1004 Datasheet(PDF) 5 Page - Sipex Corporation

Part # SPX1004
Description  1.2V / 2.5V Micropower Voltage Reference
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX1004 Datasheet(HTML) 5 Page - Sipex Corporation

  SPX1004 Datasheet HTML 1Page - Sipex Corporation SPX1004 Datasheet HTML 2Page - Sipex Corporation SPX1004 Datasheet HTML 3Page - Sipex Corporation SPX1004 Datasheet HTML 4Page - Sipex Corporation SPX1004 Datasheet HTML 5Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
Date: 5/25/04
SPX1004 1.2V/2.5V Micropower Voltage Reference
© Copyright 2004 Sipex Corporation
PACKAGE: PINOUTS
Top View
SOT-89 (M1)
1
2
3
Bottom View
TO-92 (N)
13
2
CATHODE
N/C
Top View
2
1
3
4
8
7
6
5
SOIC (S2) Alternate Pin Out
CATHODE
ANODE
N/C
N/C
N/C
CATHODE
N/C
N/C
ANODE
CATHODE
ANODE
N/C
Top View
2
1
3
4
8
7
6
5
SOIC (S1)
CATHODE
ANODE
N/C
N/C
N/C
CATHODE
N/C
ANODE
Corporation
ANALOG EXCELLENCE
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600
Ordering No.
Accuracy
Output Voltage
Packages
SPX1004M1-1.2
0.3%
1.235V
3-Pin SOT-89
SPX1004M1-1.2/TR
0.3%
1.235V
3-Pin SOT-89
SPX1004S1-1.2
0.3%
1.235V
8-Pin SOIC
SPX1004S1-1.2/TR
0.3%
1.235V
8-Pin SOIC
SPX1004S2-1.2
0.3%
1.235V
8-Pin SOIC,
alternate pinout
SPX1004S2-1.2/TR
0.3%
1.235V
8-Pin SOIC,
alternate pinout
SPX1004N-1.2
0.3%
1.235V
3-Pin TO-92
SPX1004N-1.2/TR
0.3%
1.235V
3-Pin TO-92
SPX1004M1-2.5
0.8%
2.500V
3-Pin SOT-89
SPX1004M1-2.5/TR
0.8%
2.500V
3-Pin SOT-89
SPX1004S1-2.5
0.8%
2.500V
8-Pin SOIC
SPX1004S1-2.5/TR
0.8%
2.500V
8-Pin SOIC
SPX1004S2-2.5
0.8%
2.500V
8-Pin SOIC,
alternate pinout
SPX1004S2-2.5/TR
0.8%
2.500V
8-Pin SOIC,
alternate pinout
SPX1004N-2.5
0.8%
2.500V
3-Pin TO-92
SPX1004N-2.5/TR
0.8%
2.500V
3-Pin TO-92
ORDERING INFORMATION
/TR = Tape and Reel
Pack quantity is 2,000 for TO-92,
2500 for NSOIC and SOT-89.
Available in lead free packaging. To order add "-L" suffix to part number.
Example: SPX1004N-1.2/TR = standard; SPX1004N-1.2-L/TR = lead free



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com