Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP693ACT Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP693ACT
Description  Low Power Microprocessor Supervisory with Battery Switch-Over
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP693ACT Datasheet(HTML) 2 Page - Sipex Corporation

  SP693ACT Datasheet HTML 1Page - Sipex Corporation SP693ACT Datasheet HTML 2Page - Sipex Corporation SP693ACT Datasheet HTML 3Page - Sipex Corporation SP693ACT Datasheet HTML 4Page - Sipex Corporation SP693ACT Datasheet HTML 5Page - Sipex Corporation SP693ACT Datasheet HTML 6Page - Sipex Corporation SP693ACT Datasheet HTML 7Page - Sipex Corporation SP693ACT Datasheet HTML 8Page - Sipex Corporation SP693ACT Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Date: 5/25/04
SP691A/693A/800L/800M Low Power Microprocessor Supervisor with Battery Switch-Over © Copyright 2004 Sipex Corporation
2
These are stress ratings only and functional operation
of the device at these ratings or any other above those
indicated in the operation sections of the specifications
below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may
affect reliability.
Terminal Voltages (with respect to GND)
V
CC.......................................................................................-0.3V to +6V
V
BATT.....................................................................................-0.3V to +6V
All Other Inputs........................................................-0.3V to (V
CC +0.3V)
Input Currents
V
CC Peak...........................................................................................1.0A
V
CC Continuous.............................................................................250mA
V
BATT Peak....................................................................................250mA
V
BATT Continuous............................................................................25mA
GND, BATT ON............................................................................100mA
All Other Inputs..............................................................................25mA
V
CC = +4.75V to +5.5V for the SP691A/800L, VCC = +4.5V to +5.5V for the SP693A/800M, VBATT = +2.8V, and TAMB = TMIN to TMAX unless otherwise
noted. Typical values apply at T
AMB=+25
OC.
S
R
E
T
E
M
A
R
A
P.
N
I
M.
P
Y
T.
X
A
MS
T
I
N
US
N
O
I
T
I
D
N
O
C
,
e
g
n
a
R
e
g
a
t
l
o
V
g
n
i
t
a
r
e
p
O
V
C
C
V
r
o
T
T
A
B
1
E
T
O
N
,
05
.
5V
V
,
e
g
a
t
l
o
V
t
u
p
t
u
O
T
U
O
e
d
o
M
g
n
i
t
a
r
e
p
O
l
a
m
r
o
N
n
i
V
C
C
5
0
.
0
-
V
C
C
3
.
0
-
V
C
C
2
.
0
-
V
C
C
5
1
0
.
0
-
V
C
C
5
1
.
0
-
V
C
C
9
0
.
0
-
V
V
C
C
I
,
V
5
.
4
=
T
U
O
A
m
5
2
=
V
C
C
I
,
V
5
.
4
=
T
U
O
A
m
0
5
2
=
V
C
C
V
,
V
0
.
3
=
T
T
A
B
I
,
V
8
.
2
=
T
U
O
A
m
0
0
1
=
V
C
C
V
-
o
t
-
T
U
O
e
c
n
a
t
s
i
s
e
R
-
n
O6
.
0
9
.
0
2
.
1
0
.
2
Ω
V
C
C
V
5
.
4
=
V
C
C
V
0
.
3
=
V
T
U
O
e
d
o
M
p
u
k
c
a
B
-
y
r
e
t
t
a
B
n
iV
T
T
A
B
3
.
0
-
V
T
T
A
B
5
2
.
0
-
V
T
T
A
B
5
1
.
0
-
V
T
T
A
B
1
.
0
-
V
T
T
A
B
7
0
.
0
-
V
T
T
A
B
5
0
.
0
-
V
V
T
T
A
B
I
,
V
5
.
4
=
T
U
O
A
m
0
2
=
V
T
T
A
B
I
,
V
8
.
2
=
T
U
O
A
m
0
1
=
V
T
T
A
B
I
,
V
0
.
2
=
T
U
O
A
m
5
=
V
T
T
A
B
V
-
o
t
-
T
U
O
e
c
n
a
t
s
i
s
e
R
-
n
O5
7
0
1
5
1
5
2
0
3
Ω
V
T
T
A
B
V
5
.
4
=
V
T
T
A
B
V
8
.
2
=
V
T
T
A
B
V
0
.
2
=
l
a
m
r
o
N
n
i
t
n
e
r
r
u
C
y
l
p
p
u
S
I
,
e
d
o
M
g
n
i
t
a
r
e
p
O
c
c
V
5
30
6
µA
V
C
C
V
(
>
T
T
A
B
I
g
n
i
d
u
l
c
x
e
,
)
V
1
-
T
U
O
-
y
r
e
t
t
a
B
n
i
t
n
e
r
r
u
C
y
l
p
p
u
S
I
,
e
d
o
M
p
u
k
c
a
B
T
T
A
B
2
E
T
O
N
,
1
0
0
.
00
.
2
µA
V
C
C
V
(
<
T
T
A
B
V
,
)
V
2
.
1
-
T
T
A
B
I
g
n
i
d
u
l
c
x
e
,
V
8
.
2
=
T
U
O
V
T
T
A
B
I
,
t
n
e
r
r
u
C
y
b
d
n
a
t
S
T
T
A
B
,
3
E
T
O
N
1
.
0
-2
0
.
0
µA
V
C
C > V
(
T
T
A
B
I
g
n
i
d
u
l
c
x
e
,
)
V
2
.
0
+
T
U
O
d
l
o
h
s
e
r
h
T
r
e
v
o
h
c
t
i
w
S
y
r
e
t
t
a
BV
T
T
A
B
3
0
.
0
+
V
T
T
A
B
3
0
.
0
-
V
p
u
-
r
e
w
o
p
n
w
o
d
-
r
e
w
o
p
s
i
s
e
r
e
t
s
y
H
r
e
v
o
h
c
t
i
w
S
y
r
e
t
t
a
B0
6
V
m
k
a
e
P
o
t
k
a
e
P
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
Enhanced ESD Specifications........................+4kV Human Body Model
Power Dissipation Per Package
16-pin PDIP (derate 14.3mW/OC above +70OC).......................1150mW
16-pin Narrow SOIC (derate 13.6mW/OC above 70OC)............1090mW
16-pin Wide SOIC (derate 11.2mW/OC above 70OC).................900mW
Storage Temperature....................................................-65OC to +150OC
Lead Temperature (soldering,10 sec).........................................+300OC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com